Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 94 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 90Page - NXP Semiconductors LPC4370 Datasheet HTML 91Page - NXP Semiconductors LPC4370 Datasheet HTML 92Page - NXP Semiconductors LPC4370 Datasheet HTML 93Page - NXP Semiconductors LPC4370 Datasheet HTML 94Page - NXP Semiconductors LPC4370 Datasheet HTML 95Page - NXP Semiconductors LPC4370 Datasheet HTML 96Page - NXP Semiconductors LPC4370 Datasheet HTML 97Page - NXP Semiconductors LPC4370 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
94 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
10.1 Power consumption
Conditions: Tamb = 25 C; active mode entered executing code while(1){} from SRAM; M0 cores in
reset; internal pull-up resistors disabled; PLL1 enabled; IRC enabled; all peripherals disabled; all
peripheral clocks disabled.
Fig 8.
Typical supply current versus regulator supply voltage VDD(REG)(3V3) in active
mode
Conditions: VDD(REG)(3V3) = 3.3 V, Active mode entered executing code while(1){} from SRAM;M0
cores in reset; internal pull-up resistors disabled; PLL1 enabled; IRC enabled; all peripherals
disabled; all peripheral clocks disabled.
Fig 9.
Typical supply current versus temperature in Active mode
002aah611
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
0
20
40
60
80
100
VDD(REG)(3V3) (V)
IDD(REG)(3V3)
IDD(REG)(3V3)
IDD(REG)(3V3)
(mA)
(mA)
(mA)
12 MHz
12 MHz
12 MHz
60 MHz
60 MHz
60 MHz
120 MHz
120 MHz
120 MHz
180 MHz
180 MHz
180 MHz
204 MHz
204 MHz
204 MHz
002aah612
-40
-15
10
35
60
85
0
20
40
60
80
100
temperature (°C)
IDD(REG)(3V3)
IDD(REG)(3V3)
IDD(REG)(3V3)
(mA)
(mA)
(mA)
12 MHz
12 MHz
12 MHz
60 MHz
60 MHz
60 MHz
120 MHz
120 MHz
120 MHz
180 MHz
180 MHz
180 MHz
204 MHz
204 MHz
204 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com