Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 53Page - NXP Semiconductors LPC4370 Datasheet HTML 54Page - NXP Semiconductors LPC4370 Datasheet HTML 55Page - NXP Semiconductors LPC4370 Datasheet HTML 56Page - NXP Semiconductors LPC4370 Datasheet HTML 57Page - NXP Semiconductors LPC4370 Datasheet HTML 58Page - NXP Semiconductors LPC4370 Datasheet HTML 59Page - NXP Semiconductors LPC4370 Datasheet HTML 60Page - NXP Semiconductors LPC4370 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
57 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
7.
Functional description
7.1 Architectural overview
The ARM Cortex-M4 includes three AHB-Lite buses: the system bus, the I-code bus, and
the D-code bus. The I-code and D-code core buses allow for concurrent code and data
accesses from different slave ports.
The LPC4370 use a multi-layer AHB matrix to connect the ARM Cortex-M4 buses and
other bus masters to peripherals in a flexible manner that optimizes performance by
allowing peripherals that are on different slaves ports of the matrix to be accessed
simultaneously by different bus masters.
An ARM Cortex-M0 coprocessor is included in the LPC4370, capable of off-loading the
main ARM Cortex-M4 application processor. Most peripheral interrupts are connected to
both processors. The processors communicate with each other via an interprocessor
communication protocol.
7.2 ARM Cortex-M4 processor
The ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a Harvard architecture
with separate local instruction and data buses as well as a third bus for peripherals, and
includes an internal prefetch unit that supports speculative branching. The ARM
Cortex-M4 supports single-cycle digital signal processing and SIMD instructions. A
hardware floating-point processor is integrated in the core. The processor includes a
NVIC with up to 53 interrupts.
7.3 ARM Cortex-M0 processors
The ARM Cortex-M0 processors are general purpose, 32-bit microprocessors, which offer
high performance and very low power consumption. The ARM Cortex-M0 processor uses
a 3-stage pipeline von Neumann architecture and a small but powerful instruction set
providing high-end processing hardware. The processors each incorporate an NVIC with
32 interrupts.
7.3.1 ARM Cortex-M0 coprocessor
The M0 coprocessor resides on the same AHB multi-layer matrix as the main Cortex-M0
core. The coprocessor can be used to off-load multiple tasks from the main Cortex-M4
processor.
7.3.2 ARM Cortex-M0 subsytem
The Cortex-M0 subsystem can be used to manage the SGPIO and SPI peripherals on the
M0 subsystem multilayer matrix but any other peripheral as well. The M0 subsystem is
separated by a bridge from the main AHB matrix. The M0 subsystem AHB matrix has two
SRAM blocks which allows to run the Cortex-M0 subsytem at full speed independently
from the main matrix.
One application of using the subsystem is to reduce power, for example when the main
matrix runs at a very low speed and the M0 subsystem monitors activity and increases the
main matrix speed when needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com