Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 47Page - NXP Semiconductors LPC4370 Datasheet HTML 48Page - NXP Semiconductors LPC4370 Datasheet HTML 49Page - NXP Semiconductors LPC4370 Datasheet HTML 50Page - NXP Semiconductors LPC4370 Datasheet HTML 51Page - NXP Semiconductors LPC4370 Datasheet HTML 52Page - NXP Semiconductors LPC4370 Datasheet HTML 53Page - NXP Semiconductors LPC4370 Datasheet HTML 54Page - NXP Semiconductors LPC4370 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
51 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
PF_9
D6
-
[6]
[13]
I; PU -
R — Function reserved.
I/O
U0_DIR — RS-485/EIA-485 output enable/direction control for USART0.
O
CTOUT_1 — SCT output 1. Match output 1 of timer 0.
-
R — Function reserved.
I/O
GPIO7[23] — General purpose digital input/output pin.
-
R — Function reserved.
I/O
SGPIO3 — General purpose digital input/output pin.
-
R — Function reserved.
AI
ADC1_2 — ADC1, input channel 2. Configure the pin as GPIO input and use
the ADC function select register in the SCU to select the ADC.
PF_10
A3
-
[6]
[13]
I; PU -
R — Function reserved.
O
U0_TXD — Transmitter output for USART0.
-
R — Function reserved.
-
R — Function reserved.
I/O
GPIO7[24] — General purpose digital input/output pin.
-
R — Function reserved.
I
SD_WP — SD/MMC card write protect input.
-
R — Function reserved.
AI
ADC0_5 — ADC0, input channel 5. Configure the pin as GPIO input and use
the ADC function select register in the SCU to select the ADC.
PF_11
A2
-
[6]
[13]
I; PU -
R — Function reserved.
I
U0_RXD — Receiver input for USART0.
-
R — Function reserved.
-
R — Function reserved.
I/O
GPIO7[25] — General purpose digital input/output pin.
-
R — Function reserved.
O
SD_VOLT2 — SD/MMC bus voltage select output 2.
-
R — Function reserved.
AI
ADC1_5 — ADC1, input channel 5. Configure the pin as GPIO input and use
the ADC function select register in the SCU to select the ADC.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com