Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 57Page - NXP Semiconductors LPC4370 Datasheet HTML 58Page - NXP Semiconductors LPC4370 Datasheet HTML 59Page - NXP Semiconductors LPC4370 Datasheet HTML 60Page - NXP Semiconductors LPC4370 Datasheet HTML 61Page - NXP Semiconductors LPC4370 Datasheet HTML 62Page - NXP Semiconductors LPC4370 Datasheet HTML 63Page - NXP Semiconductors LPC4370 Datasheet HTML 64Page - NXP Semiconductors LPC4370 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
61 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
7.9 Global Input Multiplexer Array (GIMA)
The GIMA allows to route signals to event-driven peripheral targets like the SCT, timers,
event router, or the ADCs.
7.9.1 Features
• Single selection of a source.
• Signal inversion.
• Can capture a pulse if the input event source is faster than the target clock.
• Synchronization of input event and target clock.
• Single-cycle pulse generation for target.
7.10 System Tick timer (SysTick)
The ARM Cortex-M4 includes a system tick timer (SYSTICK) that is intended to generate
a dedicated SYSTICK exception at a 10 ms interval.
7.11 On-chip static RAM
The LPC4370 support 200 kB local SRAM and an additional 64 kB AHB SRAM with
separate bus master access for higher throughput and individual power control for low
power operation. See Section 7.23.9.1 “Memory retention in Power-down modes”.
7.12 In-System Programming (ISP)
In-System programming (ISP) is programming or reprogramming the on-chip SRAM
memory, using the boot loader software and the USART0 serial port. This can be done
when the part resides in the end-user board. ISP allows to load data into on-chip SRAM
and execute code from on-chip SRAM.
7.13 Boot ROM
The internal ROM memory is used to store the boot code of the LPC4370. After a reset,
the ARM processor will start its code execution from this memory.
The boot ROM memory includes the following features:
• ROM memory size is 64 kB.
• Supports booting from UART interfaces and external static memory such as NOR
flash, SPI flash, quad SPI flash.
• Includes APIs for OTP programming.
• Includes a flexible USB device stack that supports Human Interface Device (HID),
Mass Storage Class (MSC), and Device Firmware Upgrade (DFU) drivers.
Several boot modes are available depending on the values of the OTP bits BOOT_SRC. If
the OTP memory is not programmed or the BOOT_SRC bits are all zero, the boot mode is
determined by the states of the boot pins P2_9, P2_8, P1_2, and P1_1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com