Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 84Page - NXP Semiconductors LPC4370 Datasheet HTML 85Page - NXP Semiconductors LPC4370 Datasheet HTML 86Page - NXP Semiconductors LPC4370 Datasheet HTML 87Page - NXP Semiconductors LPC4370 Datasheet HTML 88Page - NXP Semiconductors LPC4370 Datasheet HTML 89Page - NXP Semiconductors LPC4370 Datasheet HTML 90Page - NXP Semiconductors LPC4370 Datasheet HTML 91Page - NXP Semiconductors LPC4370 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
88 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
IBAT
battery supply current
VDD(REG)(3V3) = 3.3 V;
VBAT = 3.6 V
deep-sleep mode
[8]
-2
-
A
power-down mode
[8] -2
-
A
deep power-down
mode
[8]
-2
-
A
IDD(IO)
I/O supply current
deep sleep mode
-
1
-
A
power-down mode
-
1
-
A
deep power-down mode
[9] -0.05
-
A
IDDA
Analog supply current
on pin VDDA;
deep sleep mode
[11] -0.4
-
A
power-down mode
[11] -0.4
-
A
deep power-down
mode
[11] -0.007
-
A
RESET pin
VIH
HIGH-level input
voltage
[10] 0.8
 (V
ps
0.35)
-5.5
V
VIL
LOW-level input voltage
[10] 0
-
0.3
 (V
ps
0.1)
V
Vhys
hysteresis voltage
[10] 0.05
 (V
ps
 0.35)
--V
Standard I/O pins - normal drive strength
CI
input capacitance
-
-
2
pF
ILL
LOW-level leakage
current
VI = 0 V; on-chip pull-up
resistor disabled
-3
-nA
ILH
HIGH-level leakage
current
VI =VDD(IO); on-chip
pull-down resistor
disabled
-3
-nA
VI = 5 V
--20
nA
IOZ
OFF-state output
current
VO =0V to VDD(IO);
on-chip pull-up/down
resistors disabled;
absolute value
-3
-nA
VI
input voltage
pin configured to provide
a digital function;
VDD(IO)  2.2 V
0-
5.5
V
VDD(IO) = 0 V
0
-
3.6
V
VO
output voltage
output active
0
-
VDD(IO)
V
VIH
HIGH-level input
voltage
0.7
VDD(IO)
-5.5
V
VIL
LOW-level input voltage
0
-
0.3
VDD(IO)
V
Vhys
hysteresis voltage
0.1
VDD(IO)
--V
Table 10.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com