Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC4370 Datasheet HTML 1Page - NXP Semiconductors LPC4370 Datasheet HTML 2Page - NXP Semiconductors LPC4370 Datasheet HTML 3Page - NXP Semiconductors LPC4370 Datasheet HTML 4Page - NXP Semiconductors LPC4370 Datasheet HTML 5Page - NXP Semiconductors LPC4370 Datasheet HTML 6Page - NXP Semiconductors LPC4370 Datasheet HTML 7Page - NXP Semiconductors LPC4370 Datasheet HTML 8Page - NXP Semiconductors LPC4370 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 150 page
background image
1.
General description
The LPC4370 are ARM Cortex-M4 based microcontrollers for embedded applications
which include an ARM Cortex-M0 coprocessor and an ARM Cortex-M0 subsystem for
managing peripherals, 282 kB of SRAM, advanced configurable peripherals such as the
State Configurable Timer (SCT) and the Serial General Purpose I/O (SGPIO) interface,
two High-speed USB controllers, Ethernet, LCD, an external memory controller, and
multiple digital and analog peripherals including a high-speed 12-bit ADC. The LPC4370
operate at CPU frequencies of up to 204 MHz.
The ARM Cortex-M4 is a next generation 32-bit core that offers system enhancements
such as low power consumption, enhanced debug features, and a high level of support
block integration. The ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a
Harvard architecture with separate local instruction and data buses as well as a third bus
for peripherals, and includes an internal prefetch unit that supports speculative branching.
The ARM Cortex-M4 supports single-cycle digital signal processing and SIMD
instructions. A hardware floating-point processor is integrated in the core.
The LPC4370 include an application ARM Cortex-M0 coprocessor and a second ARM
Cortex-M0 subsystem for managing the SGPIO and SPI peripherals. The ARM Cortex-M0
core is an energy-efficient and easy-to-use 32-bit core which is code- and tool-compatible
with the Cortex-M4 core. Both Cortex-M0 cores offer up to 204 MHz performance with a
simple instruction set and reduced code size.
2.
Features and benefits
Main Cortex-M4 processor
ARM Cortex-M4 processor, running at frequencies of up to 204 MHz.
ARM Cortex-M4 built-in Memory Protection Unit (MPU) supporting eight regions.
ARM Cortex-M4 built-in Nested Vectored Interrupt Controller (NVIC).
Hardware floating-point unit.
Non-maskable Interrupt (NMI) input.
JTAG and Serial Wire Debug (SWD), serial trace, eight breakpoints, and four watch
points.
Enhanced Trace Module (ETM) and Enhanced Trace Buffer (ETB) support.
System tick timer.
Cortex-M0 coprocessor
ARM Cortex-M0 coprocessor capable of off-loading the main ARM Cortex-M4
processor.
Running at frequencies of up to 204 MHz.
LPC4370
32-bit ARM Cortex-M4 + 2 x M0 MCU; 282 kB SRAM; Ethernet;
two HS USBs; 80 Msps 12-bit ADC; configurable peripherals
Rev. 2 — 21 October 2013
Product data sheet


Similar Part No. - LPC4370

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4300 NXP-LPC4300 Datasheet
285Kb / 2P
First asymmetrical, dual-core digital signal controller featuring Cortex-M4 & Cortex-M0
August 2011
LPC4300 NXP-LPC4300 Datasheet
5Mb / 24P
NXP LPC microcontrollers
November 2012
LPC4300 NXP-LPC4300 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC4310 NXP-LPC4310 Datasheet
1Mb / 145P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4310 PHILIPS-LPC4310 Datasheet
2Mb / 149P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012
More results

Similar Description - LPC4370

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC4350 NXP-LPC4350 Datasheet
1Mb / 145P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
Rev. 2.1-23 September2011
LPC4350 PHILIPS-LPC4350_12 Datasheet
2Mb / 149P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 3.1-5 January 2012
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC4350 NXP-LPC4350_13 Datasheet
2Mb / 153P
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
Rev. 4-26 March 2013
LPC82X PHILIPS-LPC82X_15 Datasheet
1Mb / 81P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1-1 October 2014
LPC54101J256BD64QL NXP-LPC54101J256BD64QL Datasheet
1Mb / 90P
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
LPC43S50 NXP-LPC43S50 Datasheet
7Mb / 156P
32-bit ARM Cortex-M4/M0 flashless MCU with security features; up to 264 kB SRAM, Ethernet; two HS USBs, AES engine, LCD, EMC, SPIFI
Rev. 1.3 - 20 January 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com