Electronic Components Datasheet Search
  English  ▼

X  

LPC4370 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # LPC4370
Description  32-bit ARM Cortex-M4 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4370 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button LPC4370 Datasheet HTML 88Page - NXP Semiconductors LPC4370 Datasheet HTML 89Page - NXP Semiconductors LPC4370 Datasheet HTML 90Page - NXP Semiconductors LPC4370 Datasheet HTML 91Page - NXP Semiconductors LPC4370 Datasheet HTML 92Page - NXP Semiconductors LPC4370 Datasheet HTML 93Page - NXP Semiconductors LPC4370 Datasheet HTML 94Page - NXP Semiconductors LPC4370 Datasheet HTML 95Page - NXP Semiconductors LPC4370 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 150 page
background image
LPC4370
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 2 — 21 October 2013
92 of 150
NXP Semiconductors
LPC4370
32-bit ARM Cortex-M4/M0 microcontroller
Vhys
hysteresis voltage
0.1
VDD(IO)
--V
VOL
LOW-level output
voltage
IOLS = 3 mA
--0.4
V
ILI
input leakage current
VI =VDD(IO)
[13] -4.5
-
A
VI = 5 V
--10
A
Oscillator pins
Vi(XTAL1)
input voltage on pin
XTAL1
0.5
-
1.2
V
Vo(XTAL2)
output voltage on pin
XTAL2
0.5
-
1.2
V
Cio
input/output
capacitance
[17] --0.8
pF
USB0 pins[18]
VI
input voltage
on pins USB0_DP;
USB0_DM; USB0_VBUS
VDD(IO)  2.2 V
0
-
5.25
V
VDD(IO) = 0 V
0
-
3.6
V
Rpd
pull-down resistance
on pin USB0_VBUS
48
64
80
k
VIC
common-mode input
voltage
high-speed mode
50
200
500
mV
full-speed/low-speed
mode
800
-
2500
mV
chirp mode
50
-
600
mV
Vi(dif)
differential input voltage
100
400
1100
mV
USB1 pins (USB1_DP/USB1_DM)[18]
IOZ
OFF-state output
current
0V<VI <3.3 V
[18] --
10
A
VBUS
bus supply voltage
[19] --5.25
V
VDI
differential input
sensitivity voltage
(D+)  (D)
0.2
--V
VCM
differential common
mode voltage range
includes VDI range
0.8
-
2.5
V
Vth(rs)se
single-ended receiver
switching threshold
voltage
0.8
-
2.0
V
VOL
LOW-level output
voltage for
low-/full-speed
RL of 1.5 k to 3.6 V
-
-
0.18
V
Table 10.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com