Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 113 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 113 Page - ams AG

Back Button AS3658_07 Datasheet HTML 109Page - ams AG AS3658_07 Datasheet HTML 110Page - ams AG AS3658_07 Datasheet HTML 111Page - ams AG AS3658_07 Datasheet HTML 112Page - ams AG AS3658_07 Datasheet HTML 113Page - ams AG AS3658_07 Datasheet HTML 114Page - ams AG AS3658_07 Datasheet HTML 115Page - ams AG AS3658_07 Datasheet HTML 116Page - ams AG AS3658_07 Datasheet HTML 117Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
112 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
Left Line Register
Table 117. LINE_OUT_L Register
Addr:84
LINE_OUT_L
These bits control the Line in volume and mode
Bit
Bit Name
Default
Access
Description
9.11
Headphone Output
The headphone output is designed to provide the audio signal with 2x40mW @ 16
Ω or 2x20mW @32Ω, which are
typical values for headphones.
This output stage has an independent gain regulation for left and right channel with 32 steps @ 1.5dB each. The gain
can be set from –40.5dB to +6dB.
9.11.1 Phantom Ground
HP_CM_PWR pin is the buffered HP_CM output. It can be used to drive the common mode level with a load of 2k
Ω.
The phantom ground can be switched off to save power if not needed.
9.11.2 No-Pop Function
To avoiding click and pop noise during power-up and shutdown, the output is automatically set to mute when the output
stage is disabled. Also the volume settings are set to their default values, and can’t be changed, as long the output
stage is not enabled.
HP_CM pin, which needs a 100nF to 1µF capacitor outside, gets charged on power-up with 1µA to AVDD/2. After start-
up the DC level of the following pins are the same: HPR=HPL=HP_CM=HP_CM_PWR=AVDD/2. The Start-up time
before releasing mute is about 150ms. To avoid pop-noise 150ms discharging time of HP_CM after a shutdown, have
to be waited before starting up again.
9.11.3 Over-current Protection
This output stage has an over-current protection, which disables the output for 256ms or 512ms. This value can be set
in the headphone registers. The over-current protection limit of HPR and HPL pin is about 260mA while HP_CM_PWR
pin has a 370mA limit.
4:0
liner_vol
00000b
R/W
volume settings for left Line output, adjustable in 32
steps @ 1.5dB
00000
-40.5 dB gain
00001
-39 dB gain
......
11110
4.5 dB gain
11111
6 dB gain
5
-
0
reserved
6
line_on
0
R/W
0
Line stage not powered
1
power up Line stage
7
line_mute
0
R/W
0
normal operation
1
Line output set to mute (mute is on during
power-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com