Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 116 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 116 Page - ams AG

Back Button AS3658_07 Datasheet HTML 112Page - ams AG AS3658_07 Datasheet HTML 113Page - ams AG AS3658_07 Datasheet HTML 114Page - ams AG AS3658_07 Datasheet HTML 115Page - ams AG AS3658_07 Datasheet HTML 116Page - ams AG AS3658_07 Datasheet HTML 117Page - ams AG AS3658_07 Datasheet HTML 118Page - ams AG AS3658_07 Datasheet HTML 119Page - ams AG AS3658_07 Datasheet HTML 120Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
115 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9.12
SPDIF output
Enables and controls the SPDIF output pin. SPDIF functionality is enabled, if internal masterclock is used (internal
PLL), or the external masterclock = 256* LRCLK. (No SPDIF function if external masterclock= 128 *LRCLK)
Table 121. SPDIF Register
Addr:89
SPDIF
These bits control the SPDIF output
Bit
Bit Name
Default
Access
Description
1:0
spdif_cntr
00b
R/W
ISPDIF output ON/OFF control and sample rate status
bits
00
SPDIF output OFF
01
SPDIF output ON
10
reserved (do not use)
11
reserved (do not use)
2
spdif_invalid
0
R/W
SPDIF sample status bit
0
sample valid
1
sample invalid
3
spdif_mclk_inv
0
R/W
SPDIF master clock control bit
0
master clock
1
master clock inverted
4
spdif_copy_ok
0
R/W
SPDIF copy control bit
0
copy not permitted
1
copy permitted
5
sdo3_select
0
R/W
Select source of SDO3 output
0
Select adc_output
1
Select Equalizer output
6
sclk_invert
0
R/W
Invert serial data clock of I2S1 and I2S2
0
Normal mode
1
Invert SCLK1 or SCLK2 input
7
audio_off
0
R/W
switch off audio functionality for low power
touchpannel detection
0
Normal mode
1
audio bias switched off to reduce power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com