Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 115 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 115 Page - ams AG

Back Button AS3658_07 Datasheet HTML 111Page - ams AG AS3658_07 Datasheet HTML 112Page - ams AG AS3658_07 Datasheet HTML 113Page - ams AG AS3658_07 Datasheet HTML 114Page - ams AG AS3658_07 Datasheet HTML 115Page - ams AG AS3658_07 Datasheet HTML 116Page - ams AG AS3658_07 Datasheet HTML 117Page - ams AG AS3658_07 Datasheet HTML 118Page - ams AG AS3658_07 Datasheet HTML 119Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
114 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
Right Headphone Register
Table 119. HPH_OUT_R Register
Addr:81
HPH_OUT_R
These bits control the Right headphone ouput volume and mode
Bit
Bit Name
Default
Access
Description
Left Headphone Register
Table 120. HPH_OUT_L Register
Addr:82
HPH_OUT_L
These bits control the Left headphone ouput volume and mode
Bit
Bit Name
Default
Access
Description
4:0
hpr_vol
00000b
volume settings for right headphone output, adjustable
in 32 steps @ 1.5dB
00000
-40.5 dB gain
00001
-39 dB gain
......
11110
4.5 dB gain
11111
6 dB gain
5
hpcm_off
headphone phantom ground disable
0
normal operation
1
disable common mode buffer
7:6
hp_ovc_to
00h
headphone over current time out:
speaker over current time out:
00
256 ms
01
128 ms
10
512 ms
11
0 ms
4:0
hpl_vol
00000b
volume settings for left headphone output, adjustable
in 32 steps @ 1.5dB
00000
-40.5 dB gain
00001
-39 dB gain
......
11110
4.5 dB gain
11111
6 dB gain
5
hp_mux
0
R/W
0
use HPL1, HPR1 as headphone output
1
use HPL2, HPR2 as headphone output
6
hp_on
0
R/W
0
headphone stage not powered
1
power up headphone stage
7
hp_mute
0
R/W
0
normal operation
1
headphone output set to mute (mute is on
during power-up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com