Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 134 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 134 Page - ams AG

Back Button AS3658_07 Datasheet HTML 130Page - ams AG AS3658_07 Datasheet HTML 131Page - ams AG AS3658_07 Datasheet HTML 132Page - ams AG AS3658_07 Datasheet HTML 133Page - ams AG AS3658_07 Datasheet HTML 134Page - ams AG AS3658_07 Datasheet HTML 135Page - ams AG AS3658_07 Datasheet HTML 136Page - ams AG AS3658_07 Datasheet HTML 137Page - ams AG AS3658_07 Datasheet HTML 138Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 158 page
background image
Table 150. ROMF Bit definitions
Addr:204
romf3
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
Table 151. ROMF Bit definitions
Addr:205
romf4
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
Table 152. ROMF Bit definitions
Addr:206
romf5
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
Table 153. ROMF Bit definitions
Addr:207
romf6
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
133 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
7:0
romf3
00h
R
Data for startup register (used for the fourth “1” in the
addrf<31:0> register
7:0
romf4
00h
R
Data for startup register (used for the fifth “1” in the
addrf<31:0> register
7:0
romf5
00h
R
Data for startup register (used for the sixth “1” in the
addrf<31:0> register
7:0
romf6
00h
R
Data for startup register (used for the seventh “1” in
the addrf<31:0> register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com