Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 137 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 137 Page - ams AG

Back Button AS3658_07 Datasheet HTML 133Page - ams AG AS3658_07 Datasheet HTML 134Page - ams AG AS3658_07 Datasheet HTML 135Page - ams AG AS3658_07 Datasheet HTML 136Page - ams AG AS3658_07 Datasheet HTML 137Page - ams AG AS3658_07 Datasheet HTML 138Page - ams AG AS3658_07 Datasheet HTML 139Page - ams AG AS3658_07 Datasheet HTML 140Page - ams AG AS3658_07 Datasheet HTML 141Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 158 page
background image
Table 159. Watchdog software signal definitions
Addr:63
Watchdog software signal
This bit sets the watchdog software trigger
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
136 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
Figure 57. Watchdog timing diagram
10.7
General Purpose 10 Bit ADC
Table 160. ADC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
0
wtdg_sw_signal
0
R/W
Trigger input by the serial interface if wtdg_trigger = 0
Resolution
10
Bit
Input Voltage
Range
Vin
0
1.8
V
Differential
Nonlinearity
DNL
± 0.25
LSB
1LSB 1.76mV (depending on
selected channel)
Integral
Nonlinearity
INL
± 0.5
LSB
Input Offset
Voltage
Vos
2
LSB
Input Impedance
Rin
100
M
Ω
Input Capacitance
Cin
9
pF
Power Supply
Current
Idd
500
µA
During conversion only
Power Down
Current
Idd
100
nA
Transient Parameters (25°C)
Conversion Time
Tc
40
µs
Clock Frequency
fc
fclk_int/
8
kHz
internal CLK frequency/8
Programmable:
0.2 to 0.2875 MHz
Settling time of
S&H
ts
1
µs
ADC_IN1 pull up
current
14.25
15
15.75
µA
Pull up current for ADC_IN1, if
adc_idc=1111b
t
min
t
max
t
min
t
max
wtdg_trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com