Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 138 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 138 Page - ams AG

Back Button AS3658_07 Datasheet HTML 134Page - ams AG AS3658_07 Datasheet HTML 135Page - ams AG AS3658_07 Datasheet HTML 136Page - ams AG AS3658_07 Datasheet HTML 137Page - ams AG AS3658_07 Datasheet HTML 138Page - ams AG AS3658_07 Datasheet HTML 139Page - ams AG AS3658_07 Datasheet HTML 140Page - ams AG AS3658_07 Datasheet HTML 141Page - ams AG AS3658_07 Datasheet HTML 142Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 158 page
background image
Table 161. ADC control Registers bits
Addr:96
ADC_control
This register controls the 10 Bit ADC
Bit
Bit Name
Default
Access
Description
Table 162. ADC MSB result register
Addr:97
ADC_MSB result
This register shows the MSB result of the ADC conversion
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
137 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
3:0
adc_select
0000b
R/W
Selects an ADC channel
0000
ADC1_IN (LSB = 1.76mV)
0001
ADC2_IN (LSB = 1.76mV)
0010
VBAT Battery voltage (LSB=5.27mV)
0011
VCHARGER (LSB=17. 6mV) clamping at 10V
0100
V_USB Voltage (LSB=5.27mV)
0101
not used
0110
temperature sensor:
DIE temperature [°C] = adc_result * 0.866 –
274
0111
ADC test channel – do not use
1000
check voltage on MICS for remote control or
external voltage measurement (LSB=3.52mV)
1001
VBACK voltage (LSB=3.52mV)
4
adc_slow
0b
R/W
select ADC sampling frequency
0
275kHz (conversion time: 60µs)
1
70kHz (conversion time: 240µs)
5
-
-
-
reserved (do not use)
6
adc_on
0b
R/W
Writing a 1 into this bit continuously activates the ADC
S/H and the input multiplexer. The ADC and the MUX
are also activated for a conversion period when
start_conversion is set to ‘1’ – useful for high
impedance input sources on ADC1_IN or ADC2_IN
7
start_conversion
0b
R/W
Writing a 1 into this bit starts one ADC conversion.
0
D3
NA
R
ADC result register
1
D4
NA
R
ADC result register
2
D5
NA
R
ADC result register
3
D6
NA
R
ADC result register
4
D7
NA
R
ADC result register
5
D8
NA
R
ADC result register
6
D9
NA
R
ADC result register
7
result_not_ready
NA
R
Indicates end of conversion
0
result is ready
1
conversion is running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com