Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9775 Datasheet HTML 31Page - Analog Devices AD9775 Datasheet HTML 32Page - Analog Devices AD9775 Datasheet HTML 33Page - Analog Devices AD9775 Datasheet HTML 34Page - Analog Devices AD9775 Datasheet HTML 35Page - Analog Devices AD9775 Datasheet HTML 36Page - Analog Devices AD9775 Datasheet HTML 37Page - Analog Devices AD9775 Datasheet HTML 38Page - Analog Devices AD9775 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
AD9775
Rev. E | Page 35 of 56
MODULATION, INTERPOLATION = 8×
With Control Register 0x01, Bit 7 and Bit 6 set to 11, the
interpolation rate of the AD9775 is 8×. Modulation is achieved
by multiplying successive samples at the interpolation filter
output by the sequence (0, +0.707, +1, +0.707, 0, −0.707, −1,
+0.707). Figure 71 through Figure 74 represent the spectral
response of the AD9775 DAC output with 8× interpolation in the
various modulation modes to a narrow-band baseband signal.
Looking at Figure 63 through Figure 74, the user can see how
higher interpolation rates reduce the complexity of the recon-
struction filter needed at the DAC output. It also becomes
apparent that the ability to modulate by fS/2, fS/4, or fS/8 adds a
degree of flexibility in frequency planning.
The Effects of the Digital Modulation on the DAC Output Spectrum, Interpolation = 8×
–100
–80
–60
–40
–20
0
fOUT (×fDATA)
1
02
3
4
Figure 71. 8× Interpolation, Modulation Disabled
–100
–80
–60
–40
–20
0
fOUT (×fDATA)
1
02
3
4
Figure 72. 8× Interpolation, Modulation = fDAC/2
–100
–80
–60
–40
–20
0
4
3
12
0
567
8
fOUT (×fDATA)
Figure 73. 8× Interpolation, Modulation = fDAC/4
–100
–80
–60
–40
–20
0
4
3
12
0
567
8
fOUT (×fDATA)
Figure 74. 8× Interpolation, Modulation = fDAC/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com