Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9775 Datasheet HTML 42Page - Analog Devices AD9775 Datasheet HTML 43Page - Analog Devices AD9775 Datasheet HTML 44Page - Analog Devices AD9775 Datasheet HTML 45Page - Analog Devices AD9775 Datasheet HTML 46Page - Analog Devices AD9775 Datasheet HTML 47Page - Analog Devices AD9775 Datasheet HTML 48Page - Analog Devices AD9775 Datasheet HTML 49Page - Analog Devices AD9775 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
AD9775
Rev. E | Page 46 of 56
SIGNAL GENERATOR
CLK+/CLK–
DATACLK
LECROY
PULSE
GENERATOR
TRIG
INP
AWG2021
OR
DG2020
INPUT CLOCK
DAC1, DB13–DB0
AD9775
DAC2, DB13–DB0
40-PIN RIBBON CABLE
JUMPER CONFIGURATION FOR TWO-PORT MODE PLL OFF
JP1 –
JP2 –
JP3 –
JP5 –
JP6 –
JP12 –
JP24 –
JP25 –
JP26 –
JP27 –
JP31 –
JP32 –
JP33 –
SOLDERED/IN
×
×
×
×
×
UNSOLDERED/OUT
×
×
×
×
×
×
×
×
NOTES
1. TO USE PECL CLOCK DRIVER, SOLDER JP41 AND JP42 AND REMOVE TRANSFORMER T1.
2. IN TWO-PORT MODE, IF DATACLK/PLL_LOCK IS PROGRAMMED TO OUTPUT PIN 8, JP25
AND JP39 SHOULD BE SOLDERED. IF DATACLK/PLL_LOCK IS PROGRAMMED TO OUTPUT
PIN 53, JP46 AND JP47 SHOULD BE SOLDERED. SEE THE TWO-PORT DATA INPUT MODE
FOR MORE INFORMATION.
Figure 103. Test Configuration for AD9775 in Two-Port Mode with PLL Disabled, DAC Output Data Rate = Signal Generator Frequency,
DATACLK = Signal Generator Frequency/Interpolation Rate
SIGNAL GENERATOR
CLK+/CLK–
ONEPORTCLK
LECROY
PULSE
GENERATOR
TRIG
INP
AWG2021
OR
DG2020
INPUT CLOCK
DAC1, DB13–DB0
AD9775
DAC2, DB13–DB0
JUMPER CONFIGURATION FOR ONE-PORT MODE PLL OFF
JP1 –
JP2 –
JP3 –
JP5 –
JP6 –
JP12 –
JP24 –
JP25 –
JP26 –
JP27 –
JP31 –
JP32 –
JP33 –
SOLDERED/IN
×
×
×
×
×
UNSOLDERED/OUT
×
×
×
×
×
×
×
×
NOTES
1. TO USE PECL CLOCK DRIVER, SOLDER JP41 AND JP42 AND REMOVE TRANSFORMER T1.
Figure 104. Test Configuration for AD9775 in One-Port Mode with PLL Disabled, DAC Output Data Rate = Signal Generator Frequency,
ONEPORTCLK = Interleaved Input Data Rate = 2× Signal Generator Frequency/Interpolation Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com