Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9775 Datasheet HTML 40Page - Analog Devices AD9775 Datasheet HTML 41Page - Analog Devices AD9775 Datasheet HTML 42Page - Analog Devices AD9775 Datasheet HTML 43Page - Analog Devices AD9775 Datasheet HTML 44Page - Analog Devices AD9775 Datasheet HTML 45Page - Analog Devices AD9775 Datasheet HTML 46Page - Analog Devices AD9775 Datasheet HTML 47Page - Analog Devices AD9775 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
AD9775
Rev. E | Page 44 of 56
EVALUATION BOARD
The AD9775 evaluation board allows easy configuration of the
various modes, programmable via the SPI port. Software is
available for programming the SPI port from PCs running
Windows® 95, Windows 98, or Windows NT®/2000. The
evaluation board also contains an AD8345 quadrature
modulator and support circuitry that allows the user to
optimally configure the AD9775 in an image reject transmit
signal chain.
Figure 101 to Figure 104 show how to configure the evaluation
board in the one-port and two-port input modes with the PLL
enabled and disabled. Refer to Figure 105 to Figure 114, the
schematics, and the layout for the AD9775 evaluation board for
the jumper locations described in the DAC Single-Ended
Outputs section. The AD9775 outputs can be configured for
various applications by referring to the following instructions.
DAC Single-Ended Outputs
Remove Transformers T2 and T3. Solder jumper links JP4 or JP28
to look at the DAC1 outputs. Solder jumper links JP29 or JP30 to
look at the DAC2 outputs. Jumper 8 and Jumper 13 to Jumper 17
should remain unsoldered. Jumper JP35 to Jumper JP38 can be
used to ground one of the DAC outputs while the other is
measured single ended. Optimum single-ended distortion
performance is typically achieved in this manner. The outputs
are taken from S3 and S4.
DAC Differential Outputs
Transformers T2 and T3 should be in place. Note that the lower
band of operation for these transformers is 300 kHz to 500 kHz.
Jumper 4, Jumper 8, Jumper 13 to Jumper 17, and Jumper 28 to
Jumper 30 should remain unsoldered. The outputs are taken
from S3 and S4.
Using the AD8345
Remove Transformers T2 and T3. Jumper JP4 and Jumper 28 to
Jumper 30 should remain unsoldered. Jumper 13 to Jumper 16
should be soldered. The desired components for the low-pass
interface filter L6, L7, C55, and C81 should be in place. The LO
drive is connected to the AD8345 via J10 and the balun T4, and
the AD8345 output is taken from J9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com