Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9775 Datasheet HTML 23Page - Analog Devices AD9775 Datasheet HTML 24Page - Analog Devices AD9775 Datasheet HTML 25Page - Analog Devices AD9775 Datasheet HTML 26Page - Analog Devices AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices AD9775 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
AD9775
Rev. E | Page 27 of 56
In addition, if the zero-stuffing option is enabled, the VCO
doubles its speed again. Phase noise may be slightly higher with
the PLL enabled. Figure 47 illustrates typical phase noise perform-
ance of the AD9775 with 2× interpolation and various input
data rates. The signal synthesized for the phase noise measurement
was a single carrier at a frequency of fDATA/4. The repetitive
nature of this signal eliminates quantization noise and distortion
spurs as a factor in the measurement. Although the curves blend
together in Figure 47, the different conditions are given for clarity
in Table 19. Figure 47 also contains a table detailing the maximum
and minimum fDATA rates for each combination of interpolation
rate and PLL divider setting. These rates are guaranteed over
the entire supply and operating temperature range. Figure 48
shows typical performance of the PLL lock signal (Pin 8 or
Pin 53) when the PLL is in the process of locking.
Table 19. Required PLL Prescaler Ratio vs. fDATA
fDATA
PLL
Prescaler Ratio
125 MSPS
Disabled
125 MSPS
Enabled
Div 1
100 MSPS
Enabled
Div 2
75 MSPS
Enabled
Div 2
50 MSPS
Enabled
Div 4
–110
–100
–80
–40
–20
0
–60
–90
–50
–30
–10
–70
012
3
45
FREQUENCY OFFSET (MHz)
Figure 47. Phase Noise Performance
Figure 48. PLL_LOCK Output Signal (Pin 8) in the Process of Locking
(Typical Lock Time)
It is important to note that the resistor/capacitor needed for the
PLL loop filter is internal on the AD9775. This suffices unless the
input data rate is below 10 MHz, in which case an external series
RC is required between the LPF pin and CLKVDD pins.
POWER DISSIPATION
The AD9775 has three voltage supplies: DVDD, AVDD, and
CLKVDD. Figure 49 through Figure 51 show the current
required from each of these supplies when each is set to the 3.3 V
nominal specified for the AD9775. Power dissipation (PD) can
easily be extracted by multiplying the given curves by 3.3. As
Figure 49 shows, IDVDD is very dependent on the input data rate,
the interpolation rate, and the activation of the internal digital
modulator. IDVDD, however, is relatively insensitive to the
modulation rate by itself. In Figure 50, IAVDD shows the same type
of sensitivity to the data, the interpolation rate, and the modu-
lator function but to a much lesser degree (<10%). In Figure 51,
ICLKVDD varies over a wide range yet is responsible for only a small
percentage of the overall AD9775 supply current requirements.
8
×
4
×
2
×
1
×
0
50
100
150
200
250
300
350
400
fDATA (MHz)
50
0
100
150
200
8
×, (MOD. ON)
4
×, (MOD. ON)
2
×, (MOD. ON)
Figure 49. IDVDD vs. fDATA vs. Interpolation Rate, PLL Disabled
8
×, (MOD. ON)
8
×
4
×
2
×
1
×
72.0
72.5
73.0
73.5
74.0
74.5
75.0
75.5
76.0
fDATA (MHz)
50
0
100
150
200
4
×, (MOD. ON)
2
×, (MOD. ON)
Figure 50. IAVDD vs. fDATA vs. Interpolation Rate, PLL Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com