Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9775 Datasheet HTML 34Page - Analog Devices AD9775 Datasheet HTML 35Page - Analog Devices AD9775 Datasheet HTML 36Page - Analog Devices AD9775 Datasheet HTML 37Page - Analog Devices AD9775 Datasheet HTML 38Page - Analog Devices AD9775 Datasheet HTML 39Page - Analog Devices AD9775 Datasheet HTML 40Page - Analog Devices AD9775 Datasheet HTML 41Page - Analog Devices AD9775 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
AD9775
Rev. E | Page 38 of 56
IMAGE REJECTION AND SIDEBAND SUPPRESSION
OF MODULATED CARRIERS
As shown in Figure 79, image rejection can be achieved by
applying baseband data to the AD9775 and following the
AD9775 with a quadrature modulator. To process multiple
carriers while still maintaining image reject capability, each
carrier must be complex modulated. As Figure 80 shows, single
or multiple complex modulators can be used to synthesize
complex carriers. These complex carriers are then summed and
applied to the real and imaginary inputs of the AD9775.
A system in which multiple baseband signals are complex
modulated and then applied to the AD9775 real and imaginary
inputs followed by a quadrature modulator is shown in Figure 82,
which also describes the transfer function of this system and the
spectral output. Note the similarity of the transfer functions
given in Figure 82 and Figure 80. Figure 82 adds an additional
complex modulator stage for the purpose of summing multiple
carriers at the AD9775 inputs. Also, as in Figure 79, the image
rejection is not dependent on the real or imaginary baseband
data on any channel. Image rejection on a channel occurs if
either the real or imaginary data, or both, is present on the
baseband channel.
It is important to remember that the magnitude of a complex
signal can be 1.414× the magnitude of its real or imaginary
components. Due to this 3 dB increase in signal amplitude, the
real and imaginary inputs to the AD9775 must be kept at least
3 dB below full scale when operating with the complex modu-
lator. Overranging in the complex modulator results in severe
distortion at the DAC output.
COMPLEX BASEBAND
SIGNAL
OUTPUT = REAL
= REAL
FREQUENCY
1
1/2
1/2
–
ω1– ω2DC
× ej(ω1 + ω2)t
ω1 + ω2
Figure 80. Two-Stage Complex Upconversion
BASEBAND CHANNEL 1
REAL INPUT
BASEBAND CHANNEL 2
REAL INPUT
BASEBAND CHANNEL N
REAL INPUT
IMAGINARY INPUT
IMAGINARY INPUT
IMAGINARY INPUT
COMPLEX
MODULATOR 1
COMPLEX
MODULATOR 2
COMPLEX
MODULATOR N
R(1)
R(1)
R(2)
R(2)
R(N)
R(N)
MULTICARRIER
REAL OUTPUT =
R(1) + R(2) + . . .R(N)
(TO REAL INPUT OF AD9775)
MULTICARRIER
IMAGINARY OUTPUT =
I(1) + I(2) + . . .I(N)
(TO IMAGINARY INPUT OF AD9775)
R(N) = REAL OUTPUT OF N
I(N) = IMAGINARY OUTPUT OF N
Figure 81. Synthesis of Multicarrier Complex Signal
MULTIPLE
BASEBAND
CHANNELS
MULTIPLE
COMPLEX
MODULATORS
FREQUENCY =
ω
1, ω2...ωN
REAL
IMAGINARY
REAL
OUTPUT = REAL
IMAGINARY
REAL
REAL
IMAGINARY
AD9775
COMPLEX
MODULATOR
FREQUENCY =
ω
C
QUADRATURE
MODULATOR
FREQUENCY =
ω
Q
COMPLEX BASEBAND
SIGNAL
REJECTED IMAGES
DC
×
ej(ωN + ωC + ωQ)t
–
ω
1 – ωC – ωQ
ω
1 + ωC + ωQ
Figure 82. Image Rejection with Multicarrier Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com