Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9775 Datasheet HTML 22Page - Analog Devices AD9775 Datasheet HTML 23Page - Analog Devices AD9775 Datasheet HTML 24Page - Analog Devices AD9775 Datasheet HTML 25Page - Analog Devices AD9775 Datasheet HTML 26Page - Analog Devices AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
AD9775
Rev. E | Page 26 of 56
A transformer, such as the T1-1T from Mini-Circuits®, can also
be used to convert a single-ended clock to differential. This
method is used on the AD9775 evaluation board so that an external
sine wave with no dc offset can be used as a differential clock.
PECL/ECL drivers require varying termination networks,
the details of which are left out of Figure 43 and Figure 44 but
can be found in application notes such as AND8020/D from
ON Semiconductor®. These networks depend on the assumed
transmission line impedance and power supply voltage of the
clock driver.
Optimum performance of the AD9775 is achieved when the
driver is placed very close to the AD9775 clock inputs, thereby
negating any transmission line effects such as reflections due to
mismatch.
The quality of the clock and data input signals is important in
achieving optimum performance. The external clock driver
circuitry should provide the AD9775 with a low jitter clock
input that meets the minimum/maximum logic levels while
providing fast edges. Although fast clock edges help minimize
any jitter that manifests itself as phase noise on a reconstructed
waveform, the high gain bandwidth product of the AD9775
clock input comparator can tolerate differential sine wave
inputs as low as 0.5 V p-p with minimal degradation of the
output noise floor.
PROGRAMMABLE PLL
CLKIN can function either as an input data rate clock (PLL
enabled) or as a DAC data rate clock (PLL disabled) according
to the state of Address 0x02, Bit 7 in the SPI port register. The
internal operation of the AD9775 clock circuitry in these two
modes is illustrated in Figure 45 and Figure 46.
The PLL clock multiplier and distribution circuitry produce the
necessary internal synchronized 1×, 2×, 4×, and 8× clocks for
the rising edge triggered latches, interpolation filters,
modulators, and DACs. This circuitry consists of a phase
detector, charge pump, voltage controlled oscillator (VCO),
prescaler, clock distribution, and SPI port control.
The charge pump, VCO, differential clock input buffer, phase
detector, prescaler, and clock distribution are all powered from
CLKVDD. PLL lock status is indicated by the logic signal at the
DATACLK_PLL_LOCK pin, as well as by the status of Bit 1,
Register 0x00. To ensure optimum phase noise performance
from the PLL clock multiplier and distribution, CLKVDD
should originate from a clean analog supply. Table 18 defines
the minimum input data rates v
s. the interpolation and PLL
divider setting. If the input data rate drops below the defined
minimum under these conditions, VCO noise may increase
significantly. The VCO speed is a function of the input data
rate, the interpolation rate, and the VCO prescaler, according to
the following function:
VCO Speed (MHz) =
Input Data Rate (MHz) × Interpolation Rate × Prescaler
AD9775
PLLVDD
INPUT
DATA
LATCHES
PLL_LOCK
1 = LOCK
0 = NO LOCK
SPI PORT
LPF
CLK+
CLK–
INTERPOLATION
FILTERS,
MODULATORS,
AND DACS
CLOCK
DISTRIBUTION
CIRCUITRY
INTERPOLATION
RATE
CONTROL
INTERNAL SPI
CONTROL
REGISTERS
MODULATION
RATE
CONTROL
PLL
CONTROL
(PLL ON)
PLL DIVIDER
(PRESCALER)
CONTROL
PRESCALER
VCO
PHASE
DETECTOR
CHARGE
PUMP
2
1
48
Figure 45. PLL and Clock Circuitry with PLL Enabled
AD9775
INPUT
DATA
LATCHES
PLL_LOCK
1 = LOCK
0 = NO LOCK
SPI PORT
CLK+
CLK–
INTERPOLATION
FILTERS,
MODULATORS,
AND DACS
CLOCK
DISTRIBUTION
CIRCUITRY
INTERPOLATION
RATE
CONTROL
INTERNAL SPI
CONTROL
REGISTERS
MODULATION
RATE
CONTROL
PLL
CONTROL
(PLL ON)
PLL DIVIDER
(PRESCALER)
CONTROL
PRESCALER
VCO
PHASE
DETECTOR
CHARGE
PUMP
2
1
48
Figure 46. PLL and Clock Circuitry with PLL Disabled
Table 18. PLL Optimization
Interpolation
Rate
Divider
Setting
Minimum
fDATA
Maximum
fDATA
1
1
32
160
1
2
16
160
1
4
8
112
1
8
4
56
2
1
24
160
2
2
12
112
2
4
6
56
2
8
3
28
4
1
24
100
4
2
12
56
4
4
6
28
4
8
3
14
8
1
24
50
8
2
12
28
8
4
6
14
8
8
3
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com