Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9775 Datasheet HTML 21Page - Analog Devices AD9775 Datasheet HTML 22Page - Analog Devices AD9775 Datasheet HTML 23Page - Analog Devices AD9775 Datasheet HTML 24Page - Analog Devices AD9775 Datasheet HTML 25Page - Analog Devices AD9775 Datasheet HTML 26Page - Analog Devices AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
AD9775
Rev. E | Page 25 of 56
The offset control defines a small current that can be added to
IOUTA or IOUTB (not both) on the IDAC and QDAC. The selection
of which IOUT this offset current is directed toward is programmable
via Register
0x08, Bit 7 (IDAC) and Register 0x0C, Bit 7 (QDAC).
Figure 41 shows the scale of the offset current that can be added
to one of the complementary outputs on the IDAC and QDAC.
Offset control can be used for suppression of LO leakage resulting
from modulation of dc signal components. If the AD9775 is dc-
coupled to an external modulator, this feature can be used to
cancel the output offset on the AD9775 as well as the input offset
on the modulator. Figure 42 shows a typical example of the effect
that the offset control has on LO suppression.
In Figure 42, the negative scale represents an offset added to IOUTB,
while the positive scale represents an offset added to IOUTA of the
respective DAC. Offset Register 1 corresponds to IDAC, while
Offset Register 2 corresponds to QDAC. Figure 42 represents the
AD9775 synthesizing a complex signal that is then dc-coupled to
an AD8345 quadrature modulator with an LO of 800 MHz. The
dc coupling allows the input offset of the AD8345 to be calibrated
out as well. The LO suppression at the AD8345 output was opti-
mized first by adjusting Offset Register 1 in the AD9775. When
an optimal point was found (roughly Code 54), this code was
held in Offset Register 1, and Offset Register 2 was adjusted. The
resulting LO suppression is 70 dBFS. These are typical numbers;
the specific code for optimization varies from part to part.
1R/2R MODE
In 2R mode, the reference current for each channel is set
independently by the FSADJ resistor on that channel. The
AD9775 can be programmed to derive its reference current
from a single resistor on Pin 60 by placing the part into 1R
mode. The transfer functions in Equation 1 are valid for 2R
mode. In 1R mode, the current developed in the single FSADJ
resistor is split equally between the two channels. The result is
that in 1R mode, a scale factor of 1/2 must be applied to the
formulas in Equation 1. The full-scale DAC current in 1R mode
can still be set to as high as 20 mA by using the internal 1.2 V
reference and a 950 Ω resistor instead of the 1.9 kΩ resistor
typically used in the 2R mode.
0
1
2
3
4
5
0
COARSE GAIN REGISTER CODE
(ASSUMING RSET1, RSET2 = 1.9k
Ω)
2R MODE
1R MODE
0
200
400
600
800
1000
Figure 41. DAC Output Offset Current
–80
–70
–60
–50
–40
–30
–20
–10
0
0
–256
–768
–512
–1024
256
512
768
1024
DAC1, DAC2 (OFFSET REGISTER CODES)
OFFSET REGISTER 1 ADJUSTED
OFFSET REGISTER 2
ADJUSTED, WITH OFFSET
REGISTER 1 SET
TO OPTIMIZED VALUE
Figure 42. Offset Adjust Control, Effect on LO Suppression
CLOCK INPUT CONFIGURATIONS
The clock inputs to the AD9775 can be driven differentially
or single-ended. The internal clock circuitry has supply and
ground (CLKVDD, CLKGND) separate from the other supplies
on the chip to minimize jitter from internal noise sources.
Figure 43 shows the AD9775 driven from a single-ended
clock source. The CLK+/CLK− pins form a differential input
(CLKIN) so that the statically terminated input must be dc-
biased to the midswing voltage level of the clock driven input.
AD9775
RSERIES
CLK+
CLK–
0.1
μF
CLKVDD
CLKGND
VTHRESHOLD
Figure 43. Single-Ended Clock Driving Clock Inputs
A configuration for differentially driving the clock inputs is
given in Figure 44. DC-blocking capacitors can be used to
couple a clock driver output whose voltage swings exceed
CLKVDD or CLKGND. If the driver voltage swings are within
the supply range of the AD9775, the dc-blocking capacitors and
bias resistors are not necessary.
AD9775
CLK+
0.1
μF
0.1
μF
0.1
μF
1k
Ω
1k
Ω
1k
Ω
1k
Ω
ECL/PECL
CLK–
CLKVDD
CLKGND
Figure 44. Differential Clock Driving Clock Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com