Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9775 Datasheet HTML 14Page - Analog Devices AD9775 Datasheet HTML 15Page - Analog Devices AD9775 Datasheet HTML 16Page - Analog Devices AD9775 Datasheet HTML 17Page - Analog Devices AD9775 Datasheet HTML 18Page - Analog Devices AD9775 Datasheet HTML 19Page - Analog Devices AD9775 Datasheet HTML 20Page - Analog Devices AD9775 Datasheet HTML 21Page - Analog Devices AD9775 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
AD9775
Rev. E | Page 18 of 56
MODE CONTROL (VIA SPI PORT)
Table 10. Mode Control via SPI Port1
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00
SDIO
Bidirectional
0 = Input
1 = I/O
LSB, MSB
First, 0 = MSB
1 = LSB
Software
Reset on
Logic 1
Sleep Mode
Logic 1
Shuts Down
the DAC
Output
Currents
Power-Down
Mode Logic 1
Shuts Down All
Digital and
Analog
Functions
1R/2R Mode
DAC Output
Current Set
by One or
Two External
Resistors
0 = 2R,
1 = 1R
PLL_LOCK
Indicator
0x 01
Filter
Interpolation
Rate (1×, 2×,
4×, 8×)
Filter
Interpolation
Rate (1×, 2×, 4×,
8×)
Modulation
Mode
(None, fS/2,
fS/4, fS/8)
Modulation
Mode
(None, fS/2,
fS/4, fS/8)
0 = No Zero
Stuffing on
Interpolation
Filters, Logic 1
Enables Zero
Stuffing.
1 = Real
Mix Mode
0 = Complex
Mix Mode
0 = e−jωt
1 = e+jωt
DATACLK/
PLL_LOCK2
Select
0 = PLLLOCK
1 = DATACLK
0x 02
0 = Signed
Input Data
1 = Unsigned
0 = Two-Port
Mode
1 = One-Port
Mode
DATACLK
Driver
Strength
DATACLK
Invert
0 = No Invert
1 = Invert
ONEPORTCLK
Invert
0 = No Invert
1 = Invert
IQSEL Invert
0 = No Invert
1 = Invert
Q First
0 = I First
1 = Q First
0x 03
Data Rate
Clock Output2
PLL Divide
(Prescaler)
Ratio
PLL Divide
(Prescaler)
Ratio
0x 04
0 = PLL OFF2
1 = PLL ON
0 = Automatic
Charge Pump
Control, 1 =
Programmable
PLL Charge
Pump
Control
PLL Charge
Pump
Control
PLL Charge
Pump Control
0x 05
IDAC Fine Gain Adjustment
0x 06
IDAC Coarse Gain Adjustment
0x 07
IDAC Offset
Adjustment
Bit 9
IDAC Offset
Adjustment
Bit 8
IDAC Offset
Adjustment
Bit 7
IDAC Offset
Adjustment
Bit 6
IDAC Offset
Adjustment
Bit 5
IDAC Offset
Adjustment
Bit 4
IDAC Offset
Adjustment
Bit 3
IDAC Offset
Adjustment
Bit 2
0x 08
IDAC IOFFSET
Direction
0 = IOFFSET
on IOUTA
1 = IOFFSET
on IOUTB
IDAC Offset
Adjustment
Bit 1
IDAC Offset
Adjustment
Bit 0
0x 09
QDAC Fine Gain Adjustment
0x 0A
QDAC Coarse Gain Adjustment
0x 0B
QDAC Offset
Adjustment
Bit 9
QDAC Offset
Adjustment
Bit 8
QDAC Offset
Adjustment
Bit 7
QDAC Offset
Adjustment
Bit 6
QDAC Offset
Adjustment
Bit 5
QDAC Offset
Adjustment
Bit 4
QDAC Offset
Adjustment
Bit 3
QDAC Offset
Adjustment
Bit 2
0x 0C
QDAC IOFFSET
Direction
0 = IOFFSET
on IOUTA
1 = IOFFSET
on IOUTB
QDAC Offset
Adjustment
Bit 1
QDAC Offset
Adjustment
Bit 0
0x 0D
Version Register
1 Default values are shown in bold.
2 See the Two-Port Data Input Mode section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com