Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9775 Datasheet HTML 16Page - Analog Devices AD9775 Datasheet HTML 17Page - Analog Devices AD9775 Datasheet HTML 18Page - Analog Devices AD9775 Datasheet HTML 19Page - Analog Devices AD9775 Datasheet HTML 20Page - Analog Devices AD9775 Datasheet HTML 21Page - Analog Devices AD9775 Datasheet HTML 22Page - Analog Devices AD9775 Datasheet HTML 23Page - Analog Devices AD9775 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
AD9775
Rev. E | Page 20 of 56
ADDRESS 0x03
Bit 7:
Allows the data rate clock (divided down from the DAC
clock) to be output at either the DATACLK/PLL_LOCK pin
(Pin 8) or at the SPI_SDO pin (Pin 53). The default of 0 in this
register enables the data rate clock at DATACLK/ PLL_LOCK,
while a 1 in this register causes the data rate clock to be output
at SPI_SDO. For more information, see the Two-Port Data
Input Mode section.
Bit 1 and Bit 0:
Setting this divide ratio to a higher number
allows the VCO in the PLL to run at a high rate (for best
performance) while the DAC input and output clocks run
substantially slower. The divider ratio is set according to the
following table.
Table 13.
00
÷1
01
÷2
10
÷4
11
÷8
ADDRESS 0x04
Bit 7:
Logic 0 (default) disables the internal PLL. Logic 1
enables the PLL.
Bit 6:
Logic 0 (default) sets the charge pump control to
automatic. In this mode, the charge pump bias current is
controlled by the divider ratio defined in Address 0x03, Bits 1
and 0. Logic 1 allows the user to manually define the charge
pump bias current using Address 0x04, Bits 2, 1, and 0.
Adjusting the charge pump bias current allows the user to
optimize the noise/settling performance of the PLL.
Bit 2 to Bit 0:
With the charge pump control set to manual,
these bits define the charge pump bias current according to the
following table.
Table 14.
000
50 μA
001
100 μA
010
200 μA
011
400 μA
111
800 μA
ADDRESS 0x05, ADDRESS 0x09
Bit 7 to Bit 0:
These bits represent an 8-bit binary number
(Bit 7 MSB) that defines the fine gain adjustment of the I (0x05)
and Q (0x09) DAC, according to Equation 1.
ADDRESS 0x06, ADDRESS 0x0A
Bit 3 to Bit 0:
These bits represent a 4-bit binary number (Bit 3
MSB) that defines the coarse gain adjustment of the I (0x06)
and Q (0x0A) DACs, according to Equation 1.
ADDRESS 0x07, ADDRESS 0x0B
Bit 7 to Bit 0:
These bits are used in conjunction with Address
0x08, 0x0C, Bit 1 and Bit 0.
ADDRESS 0x08, ADDRESS 0x0C
Bit 1 and Bit 0:
The 10 bits from these two address pairs
(0x07, 0x08 and 0x0B, 0x0C) represent a 10-bit binary number
that defines the offset adjustment of the I and Q DACs,
according to Equation 1 (0x07, 0x0B—Bit 7 MSB/0x08, 0x0C—
Bit 0 LSB).
ADDRESS 0x08, ADDRESS 0x0C
Bit 7:
This bit determines the direction of the offset of the
I (0x08) and Q (0x0C) DACs. A Logic 0 applies a positive offset
current to IOUTA, while a Logic 1 applies a positive offset current
to IOUTB. The magnitude of the offset current is defined by the
bits in Addresses 0x07, 0x0B, 0x08, and 0x0C, according to
Equation 1.
Equation 1 shows IOUTA and IOUTB as a function of fine gain,
coarse gain, and offset adjustment when using the 2R mode. In
1R mode, the current IREF is created by a single FSADJ resistor
(Pin 60). This current is divided equally into each channel so
that a scaling factor of one-half must be added to these
equations for full-scale currents for both DACs and the offset.
(A)
1024
4
(A)
2
1
2
24
1024
256
32
3
16
1
8
6
(A)
2
24
1024
256
32
3
16
1
8
6
14
14
14
⎟
⎠
⎞
⎜
⎝
⎛
×
=
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
−
⎟
⎠
⎞
⎜
⎝
⎛
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ ×
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ ×
=
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ ×
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ ×
=
OFFSET
I
I
DATA
FINE
I
COARSE
I
I
DATA
FINE
I
COARSE
I
I
REF
OFFSET
REF
REF
OUTB
REF
REF
OUTA
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com