Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9775 Datasheet HTML 39Page - Analog Devices AD9775 Datasheet HTML 40Page - Analog Devices AD9775 Datasheet HTML 41Page - Analog Devices AD9775 Datasheet HTML 42Page - Analog Devices AD9775 Datasheet HTML 43Page - Analog Devices AD9775 Datasheet HTML 44Page - Analog Devices AD9775 Datasheet HTML 45Page - Analog Devices AD9775 Datasheet HTML 46Page - Analog Devices AD9775 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
AD9775
Rev. E | Page 43 of 56
DIFFERENTIAL COUPLING USING AN OP AMP
An op amp can also be used to perform a differential-to-single-
ended conversion, as shown in Figure 99. This has the added
benefit of providing signal gain as well. In Figure 99, the
AD9775 is configured with two equal load resistors, RLOAD, of
25 Ω. The differential voltage developed across IOUTA and IOUTB is
converted to a single-ended signal via the differential op amp
configuration. An optional capacitor can be installed across
IOUTA and IOUTB, forming a real pole in a low-pass filter. The
addition of this capacitor also enhances the op amp distortion
performance by preventing the DAC fast slewing output from
overloading the input of the op amp.
IOUTA
IOUTB
COPT
ROPT
225
Ω
DAC
225
Ω
225
Ω
500
Ω
500
Ω
25
Ω
25
Ω
AVDD
AD8021
Figure 99. Op Amp-Coupled Output Circuit
The common-mode (and second-order distortion) rejection of
this configuration is typically determined by the resistor
matching. The op amp used must operate from a dual supply
because its output is approximately ±1.0 V. A high speed
amplifier, such as the AD8021, capable of preserving the
differential performance of the AD9775 while meeting other
system level objectives (such as cost and power) is
recommended. The op amp differential gain, its gain setting
resistor values, and full-scale output swing capabilities should
all be considered when optimizing this circuit. ROPT is only
necessary if level shifting is required on the op amp output. In
Figure 99, AVDD, which is the positive analog supply for both
the AD9775 and the op amp, is also used to level shift the
differential output of the AD9775 to midsupply, that is,
AVDD/2.
INTERFACING THE AD9775 WITH THE AD8345
QUADRATURE MODULATOR
The AD9775 architecture was defined to operate in a transmit
signal chain using an image reject architecture. A quadrature
modulator is also required in this application and should be
designed to meet the output characteristics of the DAC as much
as possible. The AD8345 from Analog Devices meets many of
the requirements for interfacing with the AD9775. As with any
DAC output interface, there are a number of issues that have to
be resolved. The following sections list some of these issues.
DAC Compliance Voltage/Input Common-Mode Range
The dynamic range of the AD9775 is optimal when the DAC
outputs swing between ±1.0 V. The input common-mode range
of the AD8345, at 0.7 V, allows optimum dynamic range to be
achieved in both components.
Gain/Offset Adjust
The matching of the DAC output to the common-mode input
of the AD8345 allows the two components to be dc-coupled,
with no level shifting necessary. The combined voltage offset of
the two parts can therefore be compensated for via the AD9775
programmable offset adjust. This allows excellent LO cancella-
tion at the AD8345 output. The programmable gain adjust
allows for optimal image rejection as well.
The AD9775 evaluation board includes an AD8345 and
recommended interface (Figure 104 and Figure 105). On the
output of the AD9775, R9 and R10 convert the DAC output
current to a voltage. R16 may be used to do a slight common-
mode shift if necessary. The (now voltage) signal is applied to a
low-pass reconstruction filter to reject DAC images. The
components installed on the AD9775 provide a 35 MHz cutoff
but may be changed to fit the application. A balun (Mini-
Circuits ADTL1-12) is used to cross the ground plane boundary
to the AD8345. Another balun (Mini-Circuits ETC1-1-13) is
used to couple the LO input of the AD8345. The interface
requires a low ac impedance return path from the AD8345, so a
single connection between the AD9775 and AD8345 ground
planes is recommended.
The performance of the AD9775 and AD8345 in an image reject
transmitter, reconstructing three W-CDMA carriers, can be seen in
Figure 100. The LO of the AD8345 in this application is 800 MHz.
Image rejection (50 dB) and LO feedthrough (−78 dBFS) have been
optimized with the programmable features of the AD9775. The
average output power of the digital waveform for this test was set
to −15 dBFS to account for the peak-to-average ratio of the
W-CDMA signal.
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
782.5
762.5
802.5
822.5
842.5
Figure 100. AD9775/AD8345 Synthesizing a Three-Carrier
W-CDMA Signal at an LO of 800 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com