Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices AD9775 Datasheet HTML 31Page - Analog Devices AD9775 Datasheet HTML 32Page - Analog Devices AD9775 Datasheet HTML 33Page - Analog Devices AD9775 Datasheet HTML 34Page - Analog Devices AD9775 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
AD9775
Rev. E | Page 31 of 56
It is possible to invert the I and Q selection by setting control
Register 0x02, Bit 1 to the invert state (Logic 1). Figure 56
illustrates the timing requirements for the data inputs as well as
the IQSEL input. Note that the 1× interpolation rate is not
available in the one-port mode.
One-port mode is very useful when interfacing with devices
such as the Analog Devices AD6622 or AD6623 transmit signal
processors, in which two digital data channels have been
interleaved (multiplexed).
The programmable modes’ ONEPORTCLK inversion,
ONEPORTCLK driver strength, and IQ pairing described in
the PLL Enabled, One-Port Mode section have identical
functionality with the PLL disabled.
DIGITAL FILTER MODES
The I and Q datapaths of the AD9775 have their own
independent half-band FIR filters. Each datapath consists of
three FIR filters, providing up to 8× interpolation for each
channel. The rate of interpolation is determined by the state of
Control Register
0x01, Bit 7 and Bit 6. Figure 2 to Figure 4 show
the response of the digital filters when the AD9775 is set to 2×,
4×, and 8× modes. The frequency axes of these graphs are
normalized to the input data rate of the DAC. As the graphs
show, the digital filters can provide greater than 75 dB of
out-of-band rejection.
An online tool is available for quick and easy analysis of the
AD9775 interpolation filters in the various modes. The link can
be accessed at www.analog.com/ad9777image.
AMPLITUDE MODULATION
Given two sine waves at the same frequency, but with a
90 degree phase difference, a point of view in time can be taken
such that the waveform that leads in phase is cosinusoidal and
the waveform that lags is sinusoidal. Analysis of complex
variables states that the cosine waveform can be defined as
having real positive and negative frequency components, while
the sine waveform consists of imaginary positive and negative
frequency images. This is shown graphically in the frequency
domain in Figure 57.
e–jωt/2j
e–jωt/2j
e–jωt/2
e–jωt/2
DC
DC
COSINE
SINE
Figure 57. Real and Imaginary Components of
Sinusoidal and Cosinusoidal Waveforms
Amplitude modulating a baseband signal with a sine or a cosine
convolves the baseband signal with the modulating carrier in
the frequency domain. Amplitude scaling of the modulated
signal reduces the positive and negative frequency images by a
factor of 2.
This scaling is very important in the discussion of the various
modulation modes. The phase relationship of the modulated
signals is dependent on whether the modulating carrier is
sinusoidal or cosinusoidal, again with respect to the reference
point of the viewer. Examples of sine and cosine modulation are
given in Figure 58.
DC
SINUSOIDAL
MODULATION
COSINUSOIDAL
MODULATION
DC
Ae–jωt/2j
Ae–jωt/2j
Ae–jωt/2
Ae–jωt/2
Figure 58. Baseband Signal, Amplitude Modulated
with Sine and Cosine Carriers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com