Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9775 Datasheet HTML 20Page - Analog Devices AD9775 Datasheet HTML 21Page - Analog Devices AD9775 Datasheet HTML 22Page - Analog Devices AD9775 Datasheet HTML 23Page - Analog Devices AD9775 Datasheet HTML 24Page - Analog Devices AD9775 Datasheet HTML 25Page - Analog Devices AD9775 Datasheet HTML 26Page - Analog Devices AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
AD9775
Rev. E | Page 24 of 56
DAC OPERATION
The dual, 14-bit DAC output of the AD9775, along with the
reference circuitry, gain, and offset registers, is shown in Figure 37.
Note that an external reference can be used by simply overdriving
the internal reference with the external reference. Referring to the
transfer functions in Equation 1, a reference current is set by the
internal 1.2 V reference, the external RSET resistor, and the values
in the coarse gain register. The fine gain DAC subtracts a small
amount from this and the result is input to IDAC and QDAC,
where it is scaled by an amount equal to 1024/24. Figure 38 and
Figure 39 show the scaling effect of the coarse and fine adjust
DACs. IDAC and QDAC are PMOS current source arrays,
segmented in a 5-4-5 configuration. The 5 MSBs control an array
of 31 current sources. The next four bits consist of 15 current
sources whose values are all equal to 1/16 of an MSB current
source. The 5 LSBs are binary weighted fractions of the middle
bits’ current sources. All current sources are switched to either
IOUTA or IOUTB, depending on the input code.
The fine adjustment of the gain of each channel allows for
improved balance of QAM modulated signals, resulting in
improved modulation accuracy and image rejection.
In the section Interfacing the AD9775 with the AD8345
Quadrature Modulator, the performance data shows to what
degree image rejection can be improved when the AD9775 is
used with an AD8345 quadrature modulator from Analog
Devices, Inc.
84
μA
7k
Ω
0.7V
REFIO
AVDD
Figure 37. Equivalent Internal Reference Circuit
2R MODE
1R MODE
0
5
10
15
20
25
COARSE GAIN REGISTER CODE
(ASSUMING RSET1, RSET2 = 1.9k
Ω)
5
010
15
20
Figure 38. Coarse Gain Effect on IFULLSCALE
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
1R MODE
2R MODE
FINE GAIN REGISTER CODE
(ASSUMING RSET1, RSET2 = 1.9k
Ω)
200
400
600
800
1000
Figure 39. Fine Gain Effect on IFULLSCALE
FINE
GAIN
DAC
FINE
GAIN
DAC
COARSE
GAIN
DAC
COARSE
GAIN
DAC
OFFSET
DAC
OFFSET
DAC
GAIN
CONTROL
REGISTERS
OFFSET
CONTROL
REGISTERS
GAIN
CONTROL
REGISTERS
OFFSET
CONTROL
REGISTERS
1.2VREF
IDAC
QDAC
REFIO
0.1
μF
FSADJ1
RSET1
IOUTA1
IOUTA2
IOUTB1
IOUTB2
RSET2
FSADJ2
Figure 40. DAC Outputs, Reference Current Scaling, and Gain/Offset Adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com