Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9775 Datasheet HTML 32Page - Analog Devices AD9775 Datasheet HTML 33Page - Analog Devices AD9775 Datasheet HTML 34Page - Analog Devices AD9775 Datasheet HTML 35Page - Analog Devices AD9775 Datasheet HTML 36Page - Analog Devices AD9775 Datasheet HTML 37Page - Analog Devices AD9775 Datasheet HTML 38Page - Analog Devices AD9775 Datasheet HTML 39Page - Analog Devices AD9775 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
AD9775
Rev. E | Page 36 of 56
ZERO STUFFING
(Control Register 0x01, Bit 3)
As shown in Figure 75, a 0 or null in the output frequency
response of the DAC (after interpolation, modulation, and DAC
reconstruction) occurs at the final DAC sample rate (fDAC). This
is due to the inherent sin(x)/x roll-off response in the digital-to-
analog conversion. In applications where the desired frequency
content is below fDAC/2, this may not be a problem. Note that at
fDAC/2 the loss due to sin(x)/x is 4 dB. In direct RF applications,
this roll-off may be problematic due to the increased pass-band
amplitude variation as well as the reduced amplitude of the
desired signal.
Consider an application where the digital data into the AD9775
represents a baseband signal around fDAC/4 with a pass band of
fDAC/10. The reconstructed signal out of the AD9775 would
experience only a 0.75 dB amplitude variation over its pass band.
However, the image of the same signal occurring at 3 × fDAC/4
suffers from a pass-band flatness variation of 3.93 dB. This image
may be the desired signal in an IF application using one of the
various modulation modes in the AD9775. This roll-off of image
frequencies can be seen in Figure 59 to Figure 74, where the effect
of the interpolation and modulation rate is apparent as well.
–50
–40
–30
–20
–10
0
10
fOUT, NORMALIZED TO fDATA WITH ZERO STUFFING DISABLED (Hz)
0.5
0
1.0
1.5
2.0
ZERO STUFFING
ENABLED
ZERO STUFFING
DISABLED
Figure 75. Effect of Zero Stuffing on DAC’s sin(x)/x Response
To improve upon the pass-band flatness of the desired image,
the zero stuffing mode can be enabled by setting the control
register bit to Logic 1. This option increases the ratio of
fDAC/fDATA by a factor of 2 by doubling the DAC sample rate and
inserting a midscale sample (that is, 1000 0000 0000 0000) after
every data sample originating from the interpolation filter. This
is important as it affects the PLL divider ratio needed to keep
the VCO within its optimum speed range. Note that the zero
stuffing takes place in the digital signal chain at the output of
the digital modulator before the DAC.
The net effect is to increase the DAC output sample rate by a
factor of 2× with the 0 in the sin(x)/x DAC transfer function
occurring at twice the original frequency. A 6 dB loss in
amplitude at low frequencies is also evident (see Figure 75).
Note that the zero-stuffing option by itself does not change the
location of the images but rather their amplitude, pass-band
flatness, and relative weighting. For instance, in the previous
example, the pass-band amplitude flatness of the image at
3 × fDATA/4 improved to +0.59 dB while the signal level increased
slightly from −10.5 dBFS to −8.1 dBFS.
INTERPOLATING (COMPLEX MIX MODE)
(Control Register 0x01, Bit 2)
In the complex mix mode, the two digital modulators on the
AD9775 are coupled to provide a complex modulation function.
In conjunction with an external quadrature modulator, this
complex modulation can be used to realize a transmit image
rejection architecture. The complex modulation function can be
programmed for e+jωt or e−jωt to give upper or lower image
rejection. As in the real modulation mode, the modulation
frequency ω can be programmed via the SPI port for fDAC/2,
fDAC/4, and fDAC/8, where fDAC represents the DAC output rate.
OPERATIONS ON COMPLEX SIGNALS
Truly complex signals cannot be realized outside of a computer
simulation. However, two data channels, both consisting of real
data, can be defined as the real and imaginary components of a
complex signal. I (real) and Q (imaginary) datapaths are often
defined this way. By using the architecture defined in Figure 76,
a system can be realized that operates on complex signals,
giving a complex (real and imaginary) output.
If a complex modulation function (e+jωt) is desired, the real and
imaginary components of the system correspond to the real and
imaginary components of e+jωt or cosωt and sinωt. As Figure 77
shows, the complex modulation function can be realized by
applying these components to the structure of the complex
system defined in Figure 76.
a(t)
= (c + jd)
b(t)
c(t)
× b(t) + d × b(t)
b(t)
× a(t) + c × b(t)
INPUT
OUTPUT
INPUT
OUTPUT
COMPLEX FILTER
IMAGINARY
Figure 76. Realization of a Complex System
INPUT
(REAL)
OUTPUT
(REAL)
OUTPUT
(IMAGINARY)
INPUT
(IMAGINARY)
90
°
e–jωt = COS
ωt + jSINωt
Figure 77. Implementation of a Complex Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com