Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices AD9775 Datasheet HTML 31Page - Analog Devices AD9775 Datasheet HTML 32Page - Analog Devices AD9775 Datasheet HTML 33Page - Analog Devices AD9775 Datasheet HTML 34Page - Analog Devices AD9775 Datasheet HTML 35Page - Analog Devices AD9775 Datasheet HTML 36Page - Analog Devices AD9775 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
AD9775
Rev. E | Page 33 of 56
MODULATION, INTERPOLATION = 2×
With Control Register 0x01, Bit 7 and Bit 6 set to 01, the
interpolation rate of the AD9775 is 2×. Modulation is achieved
by multiplying successive samples at the interpolation filter
output by the sequence (+1, −1). Figure 63 through Figure 66
represent the spectral response of the AD9775 DAC output with
2× interpolation in the various modulation modes to a narrow-
band baseband signal (the tall rectangles in the graphic). The
advantage of interpolation becomes clear in Figure 63 through
Figure 66, where the images that would normally appear in the
spectrum around the input data rate frequency are suppressed
by >70 dB.
Another significant point is that the interpolation filtering is
done previous to the digital modulator. For this reason, as
Figure 63 through Figure 66 show, the pass band of the
interpolation filters can be frequency shifted, giving the equivalent
of a high-pass digital filter.
Note that when using the fS/4 modulation mode, there is no
true stop band as the band edges coincide with each other. In
the fS/8 modulation mode, amplitude scaling occurs over only a
portion of the digital filter pass band due to constructive
addition over just that section of the band.
The Effects of the Digital Modulation on the DAC Output Spectrum, Interpolation = 2×
–100
–80
–60
–40
–20
0
fOUT (×fDATA)
0.5
0
1.0
1.5
2.0
Figure 63. 2× Interpolation, Modulation = Disabled
–100
–80
–60
–40
–20
0
fOUT (×fDATA)
0.5
0
1.0
1.5
2.0
Figure 64. 2× Interpolation, Modulation = fDAC/2
–100
–80
–60
–40
–20
0
fOUT (×fDATA)
0.5
0
1.0
1.5
2.0
Figure 65. 2× Interpolation, Modulation = fDAC/4
–100
–80
–60
–40
–20
0
fOUT (×fDATA)
0.5
0
1.0
1.5
2.0
Figure 66. 2× Interpolation, Modulation = fDAC/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com