Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9775 Datasheet HTML 25Page - Analog Devices AD9775 Datasheet HTML 26Page - Analog Devices AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices AD9775 Datasheet HTML 31Page - Analog Devices AD9775 Datasheet HTML 32Page - Analog Devices AD9775 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
AD9775
Rev. E | Page 29 of 56
DATACLK INVERSION
(Control Register 0x02, Bit 4)
By programming this bit, the DATACLK signal shown in
Figure 52 can be inverted. With inversion enabled, tOD refers to
the time between the rising edge of CLKIN and the falling edge
of DATACLK. No other effect on timing occurs.
tOD
tS
tOD = 1.5ns (MIN) TO 2.5ns (MAX)
tS = 0.0ns (MIN)
tH = 2.5ns (MIN)
tH
CLKIN
DATACLK
DATA AT PORTS
1 AND 2
Figure 52. Timing Requirements in Two-Port Input Mode, with PLL Enabled
DATACLK DRIVER STRENGTH
(Control Register 0x02, Bit 5)
The DATACLK output driver strength is capable of driving
>10 mA into a 330 Ω load while providing a rise time of 3 ns.
Figure 53 shows DATACLK driving a 330 Ω resistive load at a
frequency of 50 MHz. By enabling the drive strength option
(Control Register 0x02, Bit 5), the amplitude of DATACLK
under these conditions increases by approximately 200 mV.
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
102030
40
50
TIME (ns)
DELTA APPROX. 2.8ns
Figure 53. DATACLK Driver Capability into 330 Ω at 50 MHz
PLL ENABLED, ONE-PORT MODE
(Control Register 0x02, Bit 6 to Bit 1 and
Control Register 0x04, Bit 7 to Bit 1)
In one-port mode, the I and Q channels receive their data from an
interleaved stream at digital input Port 1. The function of Pin 32 is
defined as an output (ONEPORTCLK) that generates a clock at the
interleaved data rate, which is 2× the internal input data rate of the I
and Q channels. The frequency of CLKIN is equal to the internal
input data rate of the I and Q channels. The selection of the data for
the I or the Q channel is determined by the state of the logic level at
Pin 31 (IQSEL when the AD9775 is in one-port mode) on the
rising edge of ONEPORTCLK. Under these conditions, IQSEL = 0
latches the data into the I channel on the clock rising edge, while
IQSEL = 1 latches the data into the Q channel. It is possible to
invert the I and Q selection by setting Control Register 0x02, Bit 1
to the invert state (Logic 1). Figure 54 illustrates the timing
requirements for the data inputs as well as the IQSEL input. Note
that the 1× interpolation rate is not available in the one-port mode.
The DAC output sample rate in one-port mode is equal to
CLKIN multiplied by the interpolation rate. If zero stuffing is
used, another factor of 2 must be included to calculate the DAC
sample rate.
ONEPORTCLK INVERSION
(Control Register 0x02, Bit 2)
By programming this bit, the ONEPORTCLK signal shown in
Figure 54 can be inverted. With inversion enabled, tOD refers to
the delay between the rising edge of the external clock and the
falling edge of ONEPORTCLK. The setup and hold times, tS
and tH, are with respect to the falling edge of ONEPORTCLK.
There is no other effect on timing.
tOD
tS
tIQS
tIQH
tOD = 4.0ns (MIN)
TO 5.5ns (MAX)
tS = 3.0ns (MIN)
tH = –0.5ns (MIN)
tIQS = 3.5ns (MIN)
tIQH = –1.5ns (MIN)
tH
CLKIN
ONEPORTCLK
IQSEL
I AND Q INTERLEAVED
INPUT DATA AT PORT 1
Figure 54. Timing Requirements in One-Port
Input Mode with the PLL Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com