Electronic Components Datasheet Search
  English  ▼

X  

AD9775 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9775 Datasheet HTML 26Page - Analog Devices AD9775 Datasheet HTML 27Page - Analog Devices AD9775 Datasheet HTML 28Page - Analog Devices AD9775 Datasheet HTML 29Page - Analog Devices AD9775 Datasheet HTML 30Page - Analog Devices AD9775 Datasheet HTML 31Page - Analog Devices AD9775 Datasheet HTML 32Page - Analog Devices AD9775 Datasheet HTML 33Page - Analog Devices AD9775 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
AD9775
Rev. E | Page 30 of 56
ONEPORTCLK DRIVER STRENGTH
The drive capability of ONEPORTCLK is identical to that of
DATACLK in the two-port mode. Refer to Figure 53 for
performance under load conditions.
IQ PAIRING
(Control Register 0x02, Bit 0)
In one-port mode, the interleaved data is latched into the
AD9775 internal I and Q channels in pairs. The order of how
the pairs are latched internally is defined by this control register.
The following is an example of the effect that this has on
incoming interleaved data.
Given the following interleaved data stream, where the data
indicates the value with respect to full scale:
Table 20.
I
Q
I
Q
I
Q
I
Q
I
Q
0.5
0.5
1
1
0.5
0.5
0
0
0.5
0.5
With the control register set to 0 (I first), the data appears at the
internal channel inputs in the following order in time:
Table 21.
I Channel
0.5
1
0.5
0
0.5
Q Channel
0.5
1
0.5
0
0.5
With the control register set to 1 (Q first), the data appears at
the internal channel inputs in the following order in time:
Table 22.
I Channel
0.5
1
0.5
0
0.5
x
Q Channel
y
0.5
1
0.5
0
0.5
The values x and y represent the next I value and the previous
Q value in the series.
PLL DISABLED, TWO-PORT MODE
With the PLL disabled, a clock at the DAC output rate must be
applied to CLKIN. Internal clock dividers in the AD9775
synthesize the DATACLK signal at Pin 8, which runs at the
input data rate and can be used to synchronize the input data.
Data is latched into input Port 1 and Port 2 of the AD9775 on
the rising edge of DATACLK. DATACLK speed is defined as the
speed of CLKIN divided by the interpolation rate. With zero
stuffing enabled, this division increases by a factor of 2. Figure 55
illustrates the delay between the rising edge of CLKIN and the
rising edge of DATACLK, as well as tS and tH in this mode.
The programmable modes DATACLK inversion and DATACLK
driver strength described in the previous section (PLL Enabled,
Two-Port Mode) have identical functionality with the PLL
disabled.
The data rate clock created by dividing down the DAC clock in
this mode can be programmed (via Register 0x03, Bit 7) to be
output from the SPI_SDO pin rather than the DATACLK/
PLL_LOCK pin. In some applications, this may improve
complex image rejection. When SPI_SDO is used as data rate
clock out, tOD increases by 1.6 ns.
tOD
tS
tH
tOD = 6.5ns (MIN) TO 8.0ns (MAX)
tS = 5.0ns (MIN)
tH = –3.2ns (MIN)
CLKIN
DATACLK
DATA AT PORTS
1 AND 2
Figure 55. Timing Requirements in Two-Port Input Mode with PLL Disabled
tOD
tS
tIQS
tIQH
tH
tOD = 4.0ns (MIN)
TO 5.5ns (MAX)
tS = 3.0ns (MIN)
tH = –1.0ns (MIN)
tIQS = 3.5ns (MIN)
tIQH = –1.5ns (MIN)
CLKIN
IQSEL
ONEPORTCLK
I AND Q INTERLEAVED
INPUT DATA AT PORT 1
Figure 56. Timing Requirements in One-Port Input Mode with PLL Disabled
PLL DISABLED, ONE-PORT MODE
In one-port mode, data is received into the AD9775 as an
interleaved stream on Port 1. A clock signal (ONEPORTCLK)
running at the interleaved data rate, which is 2× the input data
rate of the internal I and Q channels, is available for data
synchronization at Pin 32.
With PLL disabled, a clock at the DAC output rate must be
applied to CLKIN. Internal dividers synthesize the
ONEPORTCLK signal at Pin 32. The selection of the data for
the I or Q channel is determined by the state of the logic level
applied to Pin 31 (IQSEL when the AD9775 is in one-port
mode) on the rising edge of ONEPORTCLK. Under these
conditions, IQSEL = 0 latches the data into the I channel on the
clock rising edge, while IQSEL = 1 latches the data into the Q
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com