Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VIL1
Input Low Voltage
(RES, INT0, INT1, TMR0,
TMR1)
3V RES=0.5VDD
INT0/1=0.3VDD
TMR0/1=0.3VDD
0
¾
1.5/0.9
V
5V
0
¾
2.5/1.5
V
VIH1
Input High Voltage
(RES, INT0, INT1, TMR0,
TMR1)
3V
0.8VDD
2.4
¾
3V
5V
4.0
¾
5V
IOL
I/O Ports Sink Current
3V VDD=3V,
VOL=0.3V
612
¾
mA
5V VDD=5V,
VOL=0.5V
15
30
¾
mA
IOH
I/O Ports Source Current
3V VDD=3V,
VOH=2.7V
-2
-3
¾
mA
5V VDD=5V,
VOH=4.5V
-4
-6
¾
mA
RPH
Pull-high Resistance of
I/O Ports and INT0, INT1
3V
¾
40
60
80
kW
5V
¾
10
30
50
kW
A.C. Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS1
System Clock (Crystal OSC)
3V VDD=3V
455
¾
2000 kHz
5V VDD=5V
455
¾
4000 kHz
fSYS2
System Clock (RC OSC)
3V VDD=3V
400
¾
2000 kHz
5V VDD=5V
400
¾
3000 kHz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
3V VDD=3V
0
¾
4000 kHz
5V VDD=5V
0
¾
4000 kHz
tWDTOSC Watchdog Oscillator
3V VDD=3V
45
90
180
ms
5V VDD=5V
35
65
130
ms
tRES
External Reset Low
Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up
Timer Period
¾
Power-up or
wake-up from halt
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾
1
¾¾
ms
Note:
tSYS= 1/fSYS
HT49R50
8
October 22, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com