Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
HT49R50
18
October 22, 1999
Time base
The time base offers a periodic time-out period
to generate a regular internal interrupt. Its
time-out period ranges from fS/212 to fS/215 se-
lected by options. If time base time-out occurs,
the related interrupt request flag (TBF; bit 5 of
INTC1) is set. But if the interrupt is enabled,
and the stack is not full, a subroutine call to lo-
cation 14H occurs. The time base time-out sig-
nal also can be applied to be a clock source of
timer/event counter 1 for getting a longer
timer-out period.
Real time clock - RTC
The real time clock (RTC) is operated in the
same manner as the time base that is used to
supply a regular internal interrupt. Its
time-out period ranges from fS/28 to fS/215 by
software programming . Writing data to RT2,
RT1 and RT0 (bit2, 1, 0 of RTCC;09H) yields
various time-out periods. If the RTC time-out
occurs, the related interrupt request flag (RTF;
bit 6 of INTC1) is set. But if the interrupt is en-
abled, and the stack is not full, a subroutine call
to location 18H occurs. The real time clock
time-out signal also can be applied to be a clock
source of timer/event counter 0 for getting a
longer time-out period.
RT2 RT1 RT0
RTC Clock Divided
Factor
000
28
001
29
010
210
011
211
100
212
101
213
110
214
111
215
Power down operation - HALT
The HALT mode is initialized by the "HALT"
instruction and results in the following.
· The system oscillator turns off but the WDT
oscillator keeps running (if the WDT oscilla-
tor or the real time clock is selected).
· The contents of the on-chip RAM and of the
registers remain unchanged.
· The WDT is cleared and start recounting (if
the WDT clock source is from the WDT oscil-
lator or the real time clock oscillator).
D i v i der
fs
Ma s k
Op t i o n
Pr e s c a l e r
T i m e B a s e In te r r u p t
f S /2 12 ~f S /2 15
Ma s k O p t i o n
Bu z z e r ( f S /2 2 ~f S /2 9 )
L C D Dr i v e r ( f S /2 2 ~f S /2 8 )
Time base
D i v i der
f S
8 t o 1
Mu x .
P r e sca l e r
RT 2
RT 1
RT 0
RT C I n t e r r u p t
f S /2 8 ~f S /2 15
Real time clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com