Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 28Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
HT49R50
25
October 22, 1999
Q
D
CK
S
Q
Da t a B u s
Wr i t e
C h i p R es et
R e a d I/O
S y s t em W ak e- up ( P A onl y )
W eak
Pu l l - u p
PA0 ~ PA7
PB0 ~ PB7
PC 0 ~ PC 3
Op t i o n
V DD
Op t i o n
( P A0~ P A3,
PC )
V DD
O p t i o n ( PA0 ~ PA3 , P C )
Input/output ports
Input/output ports
There are a 12-bit bidirectional input/output
port, an 8-bit input port in the HT49R50, la-
beled PA, PB and PC which are mapped to
[12H], [14H] and [16H] of the RAM, respec-
tively. PA0~PA3 can be configured as CMOS
(output) or NMOS (input/output) with or
without pull-high resistor by options. PA4~PA7
are always pull-high and NMOS (input/output).
If you choose NMOS (input), each bit on the port
(PA0~PA7) can be configured as a wake-up input.
PB can only be used for input operation, and each
bit on the port can be configured with pull-high
resistor. PC can be configured as CMOS output or
NMOS input/output with or without pull-high re-
sistor by options. All the port for the input opera-
tion (PA, PB and PC), these ports are
non-latched, that is, the inputs should be ready at
the T2 rising edge of the instruction MOV A,
[m] (m=12H or 14H). For PA, PC output opera-
tion, all data are latched and remain unchanged
until the output latch is rewritten.
When the PA and PC structures are open drain
NMOS type, it should be noted that, before
reading data from the pads, a 1 should be
written to the related bits to disable the NMOS
device. That is executing first the instruction
"SET [m].i" (i=0~7 for PA) to disable related
NMOS device, and then "MOV A, [m]" to get
stable data.
After chip reset, these input lines remain at the
high level or are left floating (by options). Each
bit of these output latches can be set or cleared
by the "SET [m].i" and "CLR [m].i" (m=12H or
16H) instructions.
Some instructions first input data and then fol-
low the output operations. For example, "SET
[m].i", "CLR [m].i", "CPL [m]", "CPLA [m]" read
the entire port states into the CPU, execute the
defined operations (bit-operation), and then
write the results back to the latches or to the ac-
cumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com