Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 45Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 46Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 47Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 48Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 49Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 50Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 51Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 52Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 59 page
background image
SWAP [m]
Swap nibbles within the data memory
Description
The low-order and high-order nibbles of the specified data memory (one of
the data memories) are interchanged.
Operation
[m].3~[m].0 « [m].7~[m].4
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SWAPA [m]
Swap data memory-place result in the accumulator
Description
The low-order and high-order nibbles of the specified data memory are inter-
changed, writing the result to the accumulator. The contents of the data
memory remain unchanged.
Operation
ACC.3~ACC.0 ¬ [m].7~[m].4
ACC.7~ACC.4 ¬ [m].3~[m].0
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SZ [m]
Skip if data memory is zero
Description
If the contents of the specified data memory are zero, the following instruc-
tion, fetched during the current instruction execution, is discarded and a
dummy cycle is replaced to get the proper instruction (two cycles). Otherwise
proceed with the next instruction (one cycle).
Operation
Skip if [m]=0
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SZA [m]
Move data memory to ACC, skip if zero
Description
The contents of the specified data memory are copied to the accumulator. If
the contents is zero, the following instruction, fetched during the current in-
struction execution, is discarded and a dummy cycle is replaced to get the
proper instruction (two cycles). Otherwise proceed with the next instruction
(one cycle).
Operation
Skip if [m]=0, ACC ¬ [m]
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT49R50
49
October 22, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com