Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 28Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 29Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 30Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
HT49R50
27
October 22, 1999
N o r m a l O pe r a t i on M ode :
D u r i n g a R e se t P u l se :
CO M 0 , C O M 1 , CO M 2
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
Al l LC D dr i v er o ut put s
LC D s egm ent s o n C O M
0, 1, 2 s i des bei ng u nl i t
CO M 0
CO M 1
CO M 2
O n l y L C D s e gm ent s on
C O M 0 s i de bei ng l i t
O n l y L C D s e gm ent s on
C O M 1 s i de bei ng l i t
O n l y L C D s e gm ent s on
C O M 2 s i de b ei ng l i t
LC D s egm ent s on
C O M 0 , 1 s i des b ei ng l i t
C O M 0 ,2 s i d e s b e i n g l i t
LC D s egm ent s on
LC D s egm ent s on
C O M 1 , 2 s i des b ei ng l i t
Ha l t M o d e :
C O M 0 ,1 ,2 s i d e s b e i n g l i t
LC D s egm ent s on
CO M 0 , C O M 1 , CO M 2
Al l LC D dr i v er o ut put s
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
VL C D
1/ 2 V LC D
VSS
V DD
1/ 2 V LC D
VSS
LCD driver output (1/3 duty, 1/2 bias, R/C type)
LCD driver output
The output number of the HT49R50 LCD driver
can be 33´2or33´3or32´4 by options (i.e., 1/2
duty or 1/3 duty or 1/4 duty). The bias type of
LCD driver can be "R" type or "C" type. If the "R"
bias type is selected, no external capacitor is re-
quired. If the "C" bias type is selected, a capacitor
mounted between C1 and C2 pins is needed. The
bias voltage of LCD driver can be 1/2 bias or 1/3
bias by options. If 1/2 bias is selected, a capacitor
mounted between V2 pin and ground is required.
If 1/3 bias is selected, two capacitors are needed
for V1 and V2 pins. Refer to application diagram.
Buzzer
HT49R50 provides a pair of buzzer output BZ
and BZ, which share pins with PA0 and PA1 re-
spectively, ad determined by options. Its output
frequency can be selected by options.
When the buzzer function is selected, setting
the PA.0 and PA.1 "0" simultaneously, will en-
ables the buzzer output and sets the PA.0 "1" to
disable the buzzer output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com