Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 28Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 29Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 30Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 31Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 32Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 33Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
HT49R50
30
October 22, 1999
No.
Options
10
Clock source selection of timer/event counter 0. There are two types of selection: system
clock or system clock/4.
11
Clock source selection of timer/event counter 1. There are three types of selection: TMR0
overflow, system clock or Time Base overflow.
12
I/O pins share with other functions selection.
PA0/BZ, PA1/BZ: PA0 and PA1 can be set as I/O pins or buzzer outputs.
PA3/PFD: PA3 can be set as I/O pins or PFD output.
13
LCD common selection. There are three types of selection: 2 common (1/2 duty) or 3 com-
mon (1/3 duty) or 4 common (1/4 duty). If the 4 common is selected, the segment output
pin SEG32 will be set as a common output.
14
LCD bias power supply selection.
There are two types of selection: 1/2 bias or 1/3 bias.
15
LCD bias type selection.
This option is to decide what kind of bias is selected, R type or C type.
16
LCD driver clock selection. There are seven types of frequency signals for the LCD driver
circuits: fS/22~fS/28."FS" means the clock source selection by options.
17
PFD selection.
If PA3 is set as PFD output, there are two types of selection; One is PFD0 as the PFD out-
put, the other is PFD1 as the PFD output. PFD0, PFD1 are the timer overflow signals of
the timer/event counter 0, timer/event counter 1 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com