Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT49R50 Datasheet HTML 1Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 2Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 3Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
HT49R50
8-Bit Microcontroller
1
October 22, 1999
Features
·
Operating voltage:
-
2MHz: 3.0V~5.2V
-
2MHz~4MHz: 4.5V~5.5V
·
8 input lines
·
12 bidirectional I/O lines
·
Two external interrupt input
·
Two 8-bit programmable timer/event
counter with PFD (programmable
frequency divider) function
·
LCD driver with 33´3or32´4 segments
·
4K´15 program memory EPROM
·
160´8 data memory RAM
·
Real Time Clock (RTC)
·
8-bit prescaler for RTC
·
Watchdog timer
·
Buzzer output
·
On-chip crystal and RC oscillator
·
Halt function and wake-up feature
reduce power consumption
·
6-level subroutine nesting
·
Bit manipulation instruction
·
15-bit table read instruction
·
Up to 1ms instruction cycle with 4MHz
system clock
·
63 powerful instructions
·
All instructions in 1 or 2 machine cycles
·
80/100-pin QFP package
General Description
The HT49R50 is an 8-bit high performance single
chip microcontroller. Its single cycle instruction
and two-stage pipeline architecture make it suit-
able for high speed applications. The device is
suited for use in multiple LCD low power applica-
tions among which are calculators, clock timers,
games, scales, leisure products, other hand held
LCD products, and battery system in particular.


Similar Part No. - HT49R50

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
LCD Type 8-Bit MCU
April 24, 2006
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
286Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49R50A-1 HOLTEK-HT49R50A-1_12 Datasheet
302Kb / 44P
LCD Type 8-Bit MCU
More results

Similar Description - HT49R50

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com