Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
HT49R50
10
October 22, 1999
· Location 004H
Location 004H is reserved for the external in-
terrupt service program. If the INT0 input
pin is activated, and the interrupt is enabled,
and the stack is not full, the program begins
execution at location 004H.
· Location 008H
Location 008H is reserved for the external in-
terrupt service program also. If the INT1 in-
put pin is activated, and the interrupt is
enabled, and the stack is not full, the program
begins execution at location 008H.
· Location 00CH
Location 00CH is reserved for the timer/event
counter 0 interrupt service program. If a
timer interrupt results from a timer/event
counter 0 overflow, and if the interrupt is en-
abled and the stack is not full, the program
begins execution at location 00CH.
· Location 010H
Location 010H is reserved for the timer/event
counter 1 interrupt service program. If a
timer interrupt results from a timer/event
counter 1 overflow, and if the interrupt is en-
abled and the stack is not full, the program
begins execution at location 010H.
Mode
Program Counter
*11 *10 *9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
0
000000
0
0
0
0
0
External Interrupt 0
0
000000
0
0
1
0
0
External Interrupt 1
0
000000
0
1
0
0
0
Timer/event counter 0 overflow
0
000000
0
1
1
0
0
Timer/event counter 1 overflow
0
000000
1
0
0
0
0
Time Base Interrupt
0
000000
1
0
1
0
0
RTC Interrupt
0
000000
1
1
0
0
0
Skip
PC+2
Loading PCL
*11 *10 *9
*8 @7 @6 @5 @4 @3 @2 @1 @0
Jump, Call Branch
#11 #10 #9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return From Subroutine
S11 S10 S9 S8 S7 S6 S5
S4
S3
S2
S1 S0
Program counter
Note:
*11~*0: Program counter bits
S11~S0: Stack register bits
#11~#0: Instruction code bits
@7~@0: PCL bits
000 H
004 H
008 H
D e v i c e i ni t i al i z at i on pr ogr am
E x t e r nal i nt er r u pt 0 s ubr o u t i ne
T i m e r / e v ent c ount e r 0 i nt er r upt s ubr out i n e
P r ogr am
RO M
15 b i t s
014H
Look - up t abl e ( 256 w o r d s )
FF FH
N o te : n r a n g e s fr o m 0 to F
01 8H
E x t e r nal i nt er r u pt 1 s ubr o u t i ne
00C H
T i m e B a s e In te r r u p t
R T C In te r r u p t
Look - up t abl e ( 256 w o r d s )
n00H
nF F H
T i m e r / ev ent c ou nt er 1 i nt e r r u pt s u b r o u t i n e
010H
Program memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com