Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 28Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 29Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
HT49R50
26
October 22, 1999
40H
CO M
0
1
2
3
SE G M EN T
41H
42H
43H
5E H
5 F H
60H
B i t
0
1
2
3
0
1
2
3
30
31
32
Display memory
LCD display memory
The HT49R50 provides an area of embedded
data memory for LCD display. This area is lo-
cated from 40H to 60H of the RAM at Bank 1.
Bank pointer (BP; located at 04H of the RAM) is
the switch between the RAM and the LCD dis-
play memory. When the BP is set as "1", any
data written into 40H~60H will effect the LCD
display. When the BP is cleared to "0", any data
written into 40H~60H means to access the gen-
eral purpose data memory. The LCD display
memory can be read and written to only by indi-
rect addressing mode using MP1. When data is
written into the display data area, it is auto-
matically read by the LCD driver which then
generates the corresponding LCD driving sig-
nals. To turn the display on or off, a "1" or a "0"
is written to the corresponding bit of the display
memory, respectively. The figure illustrates the
mapping between the display memory and LCD
pattern for the HT49R50.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com