Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
HT49R50
16
October 22, 1999
able/disable status of interrupts. These bits
prevent the requested interrupt from being ser-
viced. Once the interrupt request flags (RTF,
TBF, T0F, T1F, EIF1, EIF0) are all set, they re-
main in the INTC1 or INTC0 respectively until
the interrupts are serviced or cleared by a soft-
ware instruction.
It is recommended that a program not use the "CALL
subroutine" within the interrupt subroutine. It s
because interrupts often occur in an unpredictable
manner or require to be serviced immediately in
some applications. At this time, if only one stack is
left, and enabling the interrupt is not well con-
trolled, operation of the "call" in the interrupt
subroutine may damage the original control se-
quence.
Oscillator configuration
The HT49R50 provides two oscillator circuits
for system clocks, i.e., RC oscillator and crystal
oscillator, determined by options. No matter
what type of oscillator is selected, the signal is
used for the system clock. The HALT mode
stops the system oscillator and ignores external
signal to conserve power.
Of the two oscillators, if the RC oscillator is
used, an external resistor between OSC1 and
VSS is required, and the range of the resistance
should be from 100kW to 1MW. The system
clock, divided by 4, is available on OSC2 with
pull-high resistor, which can be used to syn-
chronize external logic. The RC oscillator pro-
vides the most cost effective solution. However,
the frequency of the oscillation may vary with
VDD, temperature, and the chip itself due to
process variations. It is therefore, not suitable
for timing sensitive operations where accurate
oscillator frequency is desired.
On the other hand, if the crystal oscillator is se-
lected, a crystal across OSC1 and OSC2 is
needed to provide the feedback and phase shift
required for the oscillator, and no other exter-
nal components are required. A resonator may
be connected between OSC1 and OSC2 to re-
place the crystal and to get a frequency refer-
ence, but two external capacitors in OSC1 and
OSC2 are required.
There is another oscillator circuit designed for
the real time clock. In this case, only the
32.768kHz crystal oscillator can be applied.
The crystal should be connected between OSC3
and OSC4.
The RTC oscillator circuit can be controlled to
oscillate quickly by setting the "QOSC" bit (bit
4 of RTCC). It is recommended to turn on the
quick oscillating function upon power on, and
turn it off after 2 seconds.
The WDT oscillator is a free running on-chip
RC oscillator, and no external components are
required. Although the system enters the
power down mode, the system clock stops, and
the WDT oscillator still works with a period of
approximately 78ms. The WDT oscillator can be
disabled by options to conserve power.
OS C 3
OS C 4
RTC oscillator
C r y s t a l O s c illa t o r
R C O s c illa t o r
OS C 1
OS C 2
OS C 1
OS C 2
f SYS /4
V DD
System oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com