Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
HT49R50
12
October 22, 1999
Of the two types of functional groups, the special
function registers consist of an Indirect address-
ing register 0 (00H), a Memory pointer register 0
(MP0;01H), an Indirect addressing register 1
(02H), a Memory pointer register 1 (MP1;03H), a
Bank pointer (BP;04H), an Accumulator
(ACC;05H), a Program counter lower-order byte
register (PCL;06H), a Table pointer (TBLP;07H),
a Table higher-order byte register (TBLH;08H), a
Real time clock control register (RTCC;09H), a
Status register (STATUS;0AH), an Interrupt
control register 0 (INTC0;0BH), a timer/event
counter 0 (TMR0;0DH), a timer/event counter 0
control register (TMR0C;0EH), a timer/event
counter 1 (TMR1;10H), a timer/event counter 1
control register (TMR1C;11H), I/O registers
(PA;12H, PB;14H, PC;16H), and Interrupt con-
trol register 1 (INTC1;1EH). On the other hand,
the general purpose data memory, addressed
from 60H to FFH, is used for data and control in-
formation under instruction commands.
The areas in the RAM can directly handle
arithmetic, logic, increment, decrement, and
rotate operations. Except some dedicated bits,
each bit in the RAM can be set and reset by
"SET [m].i" and "CLR [m].i" They are also indi-
rectly accessible through the Memory pointer
register 0 (MP0;01H) or the Memory pointer
register 1 (MP1;03H).
Indirect addressing register
Location 00H and 02H are indirect addressing
registers that are not physically implemented.
Any read/write operation of [00H] and [02H] ac-
cesses the RAM pointed to by MP0 (01H) and
MP1(03H) respectively. Reading location 00H
or 02H indirectly returns the result 00H.
While, writing it indirectly leads to no opera-
tion.
The function of data movement between two indi-
rect addressing registers is not supported. The
memory pointer registers, MP0 and MP1, are
both 8-bit registers used to access the RAM by
combining corresponding indirect addressing reg-
isters. MP0 can only be applied to data memory,
while MP1 can be applied to data memory and
LCD display memory.
Accumulator - ACC
The accumulator (ACC) is related to the ALU
operations. It is also mapped to location 05H of
the RAM and is capable of operating with im-
mediate data. The data movement between two
data memory locations must pass through the
ACC.
G ene r a l P u r p os e
DAT A M E M O R Y
( 160 B y t e s )
S pec i a l P u r pos e
DAT A M E M O R Y
00H
01H
02H
03H
04H
05H
06H
07H
08H
09H
0AH
0B H
0C H
0D H
0E H
0F H
10H
11H
12H
13H
14H
15H
16H
17H
18H
19H
1AH
1B H
1C H
1D H
1E H
1F H
FF H
: U n u s e d .
R ead a s " 0"
60H
IN T C 1
MP 0
I n d i r e ct Ad d r e ss i n g R e g i st e r 0
I n d i r e ct Ad d r e ss i n g R e g i st e r 1
MP 1
BP
ACC
PC L
TB L P
TB L H
RT CC
ST AT U S
IN T C 0
TM R 0
TM R 0 C
TM R 1
TM R 1 C
PA
PB
PC
RAM mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com