Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
HT49R50
19
October 22, 1999
· All I/O ports maintain their original status.
· The PD flag is set but the TO flag is cleared.
· LCD driver is still running (if the WDT OSC
or RTC OSC is selected).
The system quits the HALT mode by an external
reset, an interrupt, an external falling edge sig-
nal on port A, or a WDT overflow. An external re-
set causes device initialization, and the WDT
overflow performs a "warm reset". After examin-
ing the TO and PD flags, the reason for chip re-
set can be determined. The PD flag is cleared by
system power-up or by executing the "CLR
WDT" instruction, and is set by executing the
"HALT" instruction. On the other hand, the TO
flag is set if WDT time-out occurs, and causes a
wake-up that only resets the PC (Program
Counter) and SP, and leaves the others at their
original state.
The port A wake-up and interrupt methods can
be considered as a continuation of normal exe-
cution. Each bit in port A can be independently
selected to wake up the device by options.
Awakening from an I/O port stimulus, the pro-
gram resumes execution of the next instruc-
tion. On the other hand, awakening from an
interrupt, two sequences may occur. If the re-
lated interrupt is disabled or the interrupt is
enabled but the stack is full, the program re-
sumes execution at the next instruction. But if
the interrupt is enabled, and the stack is not
full, the regular interrupt response takes place.
When an interrupt request flag is set before en-
tering the "halt" status, the system cannot be
awaken using that interrupt.
If wake-up events occur, it takes 1024 tSYS (sys-
tem clock period) to resume normal operation.
In other words, a dummy period is inserted af-
ter the wake-up. If the wake-up results from an
interrupt acknowledgment, the actual inter-
rupt subroutine execution is delayed by more
than one cycle. However, if the Wake-up results
in the next instruction execution, the execution
will be performed immediately after the
dummy period is finished.
To minimize power consumption, all the I/O
pins should be carefully managed before enter-
ing the HALT status.
Reset
There are three ways in which reset may occur.
· RES is reset during normal operation
· RES is reset during HALT
· WDT time-out is reset during normal
operation
The WDT time-out during HALT differs from
other chip reset conditions, for it can perform a
"warm reset" that resets only the PC and SP
and leaves the other circuits at their original
state. Some registers remain unaffected during
any other reset conditions. Most registers are
reset to the "initial condition" once the reset
conditions are met. Examining the PD and TO
flags, the program can distinguish between dif-
ferent chip resets .
TO
PD
RESET Conditions
0
0
RES reset during power-up
uu
RES reset during normal
operation
0
1
RES Wake-up HALT
1u
WDT time-out during normal
operation
1
1
WDT Wake-up HALT
Note: "u" means "unchanged"
RE S
V DD
Reset circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com