Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 30Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 31Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 32Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 33Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 34Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 35Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 36Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 37Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Mnemonic
Description
Flag Affected
Miscellaneous
NOP
CLR [m]
SET [m]
CLR WDT
CLR WDT1
CLR WDT2
SWAP [m]
SWAPA [m]
HALT
No operation
Clear data memory
Set data memory
Clear Watchdog timer
Pre-clear Watchdog timer
Pre-clear Watchdog timer
Swap nibbles of data memory
Swap nibbles of data memory with result in ACC
Enter power down mode
None
None
None
TO,PD
TO*,PD*
TO*,PD*
None
None
TO,PD
Note:
x: 8-bit immediate data
m: 7-bit data memory address
A: accumulator
i: 0~7 number of bits
addr: 10-bit program memory address
Ö: Flag(s) is affected
- : Flag(s) is not affected
*: Flag(s) may be affected by the execution status
**:For the old version of the E.V. chip, the zero flag (Z) can be affected by executing the MOV
A,[M] instruction.
For the new version of the E.V. chip, the zero flag cannot be changed by executing
the MOV A,[M] instruction.
HT49R50
34
October 22, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com