Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 28Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 29Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 30Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 31Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 32Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
HT49R50
29
October 22, 1999
Options
The following shows 18 kinds of optionss in the HT49R50. All these options should be defined in or-
der to ensure proper system functioning.
Register Bit No. Label Read/Write Reset
Function
RTCC
(09H)
0~2
RT0
RT1
RT2
R/W
0
8 to 1 multiplexer control inputs to select the
real time clock prescaler output
3
¾¾
¾
Unused bits, this bit must clear to "0"
4
QOSC
R/W
0
Control the RTC OSC to oscillate quickly
"0" enable
"1" disable
5~7
¾¾
¾
Unused bits, read as "0"
RTCC register
No.
Options
1
OSC type selection. This option is to decide if an RC or Crystal oscillator is chosen as sys-
tem clock.
2
WDT Clock source selection. RTC and Time Base. There are three types of selection: sys-
tem clock/4 or RTC OSC or WDT OSC.
3
WDT enable/disable selection. WDT can be enabled or disabled by options.
4
CLR WDT times selection. This option defines how to clear the WDT by instruction. "One
time" means that the "CLR WDT" can clear the WDT. "Two times" means only if both of
the "CLR WDT1" and "CLR WDT2" have been executed, the WDT can be cleared.
5
Time Base time-out period selection. The Time Base time-out period ranges from
clock/212 to clock/215 "Clock" means the clock source selected by options.
6
Buzzer output frequency selection. There are eight types of frequency signals for buzzer
output: Clock/22~Clock/29. "Clock" means the clock source selected by options.
7
Wake-up selection. This option defines the wake-up capability. External I/O pins (PA
only) all have the capability to wake-up the chip from a HALT by a falling edge.
8
Pull-high selection. This option is to decide whether the pull-high resistance is visible or
not on the PA0~PA3 and PC. (PB and PA4~PA7 are always pull-high)
9
PA0~PA3 and PC0~PC3 CMOS or NMOS selection.
The structure of PA0~PA3 and PC0~PC3 each 4 bits can be selected as CMOS or NMOS
individually. When the CMOS is selected, the related pins only can be used for output op-
erations. When the NMOS is selected, the related pins can be used for input or output op-
erations. (PA4~PA7 are always NMOS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com