Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
HT49R50
14
October 22, 1999
Once an interrupt subroutine is serviced, other
interrupts are all blocked (by clearing the EMI
bit). This scheme may prevent any further in-
terrupt nesting. Other interrupt requests may
take place during this interval, but only the in-
terrupt request flag will be recorded. If a cer-
tain interrupt requires servicing within the
service routine, the EMI bit and the correspond-
ing bit of the INTC0 or of INTC1 may be set in
order to allow interrupt nesting. Once the stack is
full, the interrupt request will not be acknowl-
edged, even if the related interrupt is enabled,
until the SP is decremented. If immediate service
is desired, the stack should be prevented from be-
coming full.
All these interrupts can support a wake-up
function. As an interrupt is serviced, a control
transfer occurs by pushing the contents of the
Register
Bit No.
Label
Function
INTC0
(0BH)
0
EMI
Control the master (global) interrupt
(1=enabled; 0=disabled)
1
EEI0
Control the external interrupt 0
(1=enabled; 0=disabled)
2
EEI1
Control the external interrupt 1
(1=enabled; 0=disabled)
3
ET0I
Control the timer/event counter 0 interrupt
(1=enabled; 0=disabled)
4
EIF0
External interrupt 0 request flag
(1=active; 0=inactive)
5
EIF1
External interrupt 1 request flag
(1=active; 0=inactive)
6
T0F
Internal timer/event counter 0 request flag
(1=active; 0=inactive)
7
¾
Unused bit, read as "0"
INTC1
(1EH)
0
ET1I
Control the timer/event counter 1 interrupt
(1=enabled; 0=disabled)
1
ETBI
Control the time base interrupt
(1=enabled; 0:disabled)
2
ERTI
Control the real time clock interrupt
(1=enabled; 0:disabled)
3
¾
Unused bit, read as "0"
4
T1F
Internal timer/event counter 1 request flag
(1=active; 0=inactive)
5
TBF
Time base request flag
(1=active; 0=inactive)
6
RTF
Real time clock request flag
(1=active; 0=inactive)
7
¾
Unused bit, read as" 0"
INTC register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com