Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 27Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
HT49R50
24
October 22, 1999
Label
(TMR1C)
Bits
Function
¾
0~2 Unused bits, read as "0"
TE
3
To define the TMR1 active edge of timer/event counter
(0= active on low to high; 1= active on high to low)
TON
4
To enable/disable timer counting
(0= disabled; 1= enabled)
TN2
5
2 to 1 multiplexer control inputs to select the timer/event counter clock source
(0= options clock source; 1= system clock/4)
TN1
TN0
7
6
To define the operating mode
01= Event count mode (External clock)
10= Timer mode (Internal clock)
11= Pulse Width measurement mode (External clock)
00= Unused
TMR1C register
timer/event counter preload register. The
timer/event counter still continues its opera-
tion until an overflow occurs.
When the timer/event counter (reading
TMR0/TMR1) is read, the clock is blocked to
avoid errors. As this may results in a counting
error, blocking of the clock should be taken into
account by the programmer.
It is strongly recommended to load a desired
value into the TMR0/TMR1 register first, then
turn on the related timer/event counter for
proper operation. Because the initial value of
TMR0/TMR1 is unknown.
Due to the timer/event scheme, the program-
mer should pay special attention on the instruc-
tion to enable then disable the timer for the
first time, whenever there is a need to use the
timer/event function, to avoid unpredicatable
result. After this procedure, the timer/event
function can be operated normally. The exam-
ple given below, using two 8-bit width Timer s
(timer 0 ;timer 1) cascade into 16-bit width.
START:
mov a,09h
; Set ET0I&EMI bits to
mov intc0,a
; enable timer 0 and
; global interrupt
mov a,01h
; Set ET1I bit to enable
mov intc1, a
; timer 1 interrupt
mov a, 80h
; Set operating mode as
mov tmr1c,a ; timer mode and select mask
; option clock source
mov a, 0a0h
; Set operating mode as timer
mov tmr0c, a ; mode and select system
; Clock/4
set tmr1c.4 ; Enable then disable timer 1
clr tmr1c.4 ; for the first time
mov a, 00h
; Load a desired value into
mov tmr0, a
; the TMR0/TMR1 register
mov a, 00h
;
mov tmr1, a
;
set tmr0c.4 ; Normal operating
set tmr1c.4 ;
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com