Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
HT49R50
20
October 22, 1999
To guarantee that the system oscillator is started
and stabilized, the SST (System Start-up Timer)
provides an extra-delay of 1024 system clock
pulses when the system awakes from the HALT
state or during power up. Awaking from the
HALT state or system power-up, the SST delay is
added.
An extra SST delay is added during the
power-up period, and any wake-up from the
HALT may enable only the SST delay.
The functional unit chip reset status is shown
below.
PC
000H
Interrupt
Disabled
Prescaler, Divider
Cleared
WDT, RTC, Time
Base
Cleared. After master
reset, WDT starts
counting
Timer/event
counter
Off
Input/output ports
Input mode
SP
Points to the top of the
stack
RE S
VD D
S S T T i m e - out
Ch i p Re s e t
t SS T
Reset timing chart
WD T
HAL T
WD T
T i m e - out
Re s e t
Ex t e r n a l
RE S
Co l d
Re s e t
P o w e r - on D e t e c t i o n
XS T
10- bi t R i ppl e
C ount e r
OS C 1
W a r m R es et
Reset configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com