Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
HT49R50
17
October 22, 1999
Watchdog timer - WDT
The WDT clock source is implemented by a ded-
icated RC oscillator (WDT oscillator) or an in-
struction clock (system clock/4) or a real time
clock oscillator (RTC oscillator). The timer is
designed to prevent a software malfunction or
sequence from jumping to an unknown location
with unpredictable results. The WDT can be
disabled by options. But if the WDT is disabled,
all executions related to the WDT lead to no op-
eration.
After the WDT clock source is selected, the
time-out period isfS/215~fS/216.
If the WDT clock source chooses the internal
WDT oscillator, the time-out period may vary
with temperature, VDD, and process variations.
On the other hand, if the clock source selects the
instruction clock and the halt instruction is ex-
ecuted, WDT may stop counting and lose its pro-
tecting purpose, and the logic can only be
restarted by an external logic.
When the device operates in a noisy environ-
ment, using the on-chip RC oscillator (WDT
OSC) is strongly recommended, since the HALT
can stop the system clock.
The WDT overflow under normal operation
initializes a "chip reset" and sets the status bit
"TO". In the HALT mode, the overflow
initializes a "warm reset", and only the PC and
SP are reset to zero. To clear the contents of the
WDT, there are three methods to be adopted,
i.e., external reset (a low level to RES), software
instruction, and a HALT instruction. There
are two types of software instructions; "CLR
WDT" and the other set - "CLR WDT1" and
"CLR WDT2". Of these two types of instruction,
only one type of instruction can be active at a
time depending on the options - "CLR WDT"
times selection option . If the "CLR WDT" is se-
lected (i.e., CLR WDT times equal one), any ex-
ecution of the "CLR WDT" instruction clears
the WDT. In the case that "CLR WDT1" and
"CLR WDT2" are chosen (i.e., CLR WDT times
equal two), these two instructions have to be ex-
ecuted to clear the WDT; otherwise, the WDT
may reset the chip due to time-out.
Multi-function timer
The HT49R50 provides a multi-function timer for
the WDT, time base and RTC but with different
time-out periods. The multi-function timer con-
sists of a 7-stage divider and an 8-bit prescaler,
with the clock source coming from the WDT OSC
or RTC OSC or the instruction clock (i.e.., system
clock divided by 4). The multi-function timer also
provides a selectable frequency signal (ranges
from fS/22 to fS/28) for LCD driver circuits, and a
selectable frequency signal (ranges from fS/22 to
fS/29) for the buzzer output by options. It is rec-
ommended to select a near 4kHz signal to LCD
driver circuits for proper display.
S yst e m C l o ck/ 4
D i v i der
P r e sca l e r
W D T C l ear
Ma s k
Op t i o n
Se l e c t
WD T
OS C 12k H z
RT C
OS C 327 68H z
CK T
R
CK T
R
f S
T i m e - o ut R es et
f S /2 15 ~f S /2 16
Watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com