Electronic Components Datasheet Search
  English  ▼

X  

HT49R50 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 25Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 26Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
HT49R50
23
October 22, 1999
edges. In the case of counter overflows, the coun-
ter is reloaded from the timer/event counter
preload register and issues an interrupt request,
as in the other two modes, i.e., event and timer
modes.
To enable the counting operation, the Timer ON
bit (TON; bit 4 of TMR0C or TMR1C) should be
set to 1. In the pulse width measurement mode,
the TON is automatically cleared after the
measurement cycle is completed. But in the
other two modes, the TON can only be reset by
instructions. The overflow of the timer/event
counter 0/1 is one of the wake-up sources and
can also be applied to a PFD (Programmable
Frequency Divider) output at PA3 by options.
Only one PFD (PFD0 or PFD1) can be applied to
PA3 by options . No matter what the operation
mode is, writinga0to ET0I or ET1I disables the
related interrupt service. When the PFD function
is selected, executing "CLR [PA].3" instruction to
enable PFD output and executing "SET [PA].3"
instruction to disable PFD output.
In the case of timer/event counter OFF
condition, writing data to the timer/event counter
preload register also reloads that data to the
timer/ event counter. But if the timer/event
counter is turn on, data written to the
timer/event counter is kept only in the
TE
Sy s t e m C l o c k
TN 1
TN 0
TM R 0
TN 1
TN 0
TO N
P u l s e W i dt h
M eas ur e m ent
M ode C ont r o l
T i m e r / ev en t c o u n t e r 0
P r e l oad R eg i s t e r
T i m e r / ev en t
c oun t e r 0
Da t a B u s
R e l oad
O v er f l ow
T o In te r r u p t
Ma s k
Op t i o n
Se l e c t
M
U
X
TN 2
TQ
PF D 0
PA3 D a t a C T R L
RT C O u t
S y s t e m C l o c k /4
Timer/event counter 1
Label
(TMR0C) Bits
Function
0~2 Unused bits, read as "0"
TE
3
To define the TMR0 active edge of timer/event counter
(0=active on low to high; 1=active on high to low)
TON
4
To enable/disable timer counting
(0=disabled; 1=enabled)
TN2
5
2 to 1 multiplexer control inputs to select the timer/event counter clock source
(0=RTC outputs; 1= system clock or system clock/4)
TN0
TN1
6
7
To define the operating mode (TN1, TN0)
01= Event count mode (External clock)
10= Timer mode (Internal clock)
11= Pulse Width measurement mode (External clock)
00= Unused
TMR0C register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com