Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 1 Page - Analog Devices

  AD1803 Datasheet HTML 1Page - Analog Devices AD1803 Datasheet HTML 2Page - Analog Devices AD1803 Datasheet HTML 3Page - Analog Devices AD1803 Datasheet HTML 4Page - Analog Devices AD1803 Datasheet HTML 5Page - Analog Devices AD1803 Datasheet HTML 6Page - Analog Devices AD1803 Datasheet HTML 7Page - Analog Devices AD1803 Datasheet HTML 8Page - Analog Devices AD1803 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Modem/Telephony Codec
AD1803
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low power modem/telephony codec
16-bit oversampling Σ-Δ converter technology
Intel® AC ‘97 Rev 2.1-compliant modem codec
implementation
AC ‘97 or DSP style serial interface
Supports all modem/fax standards, including V.90
Multiple crystal/clock rates supported
Programmable gain, attenuation, and mute
On-chip signal filters
Digital interpolation and decimation filters
Analog output low pass
Programmable sample rates
From 6.4 kHz to 16 kHz
With 1 Hz, 8/7 Hz, and 10/7 Hz resolution
Digital codec engine with variable sample rate
conversion
Digital monitor speaker output
24-lead TSSOP
0.6 μm CMOS technology
Operation from 3.3 V or 5 V supply
Advanced power management
APPLICATIONS
Modems (PC and embedded)
Voice and telephony
Fax machines, answering machines, speakerphones
PBX systems
Smart appliances
FUNCTIONAL BLOCK DIAGRAM
REGISTER CONTROL LOGIC
ADDRESS
REGISTER
CONTROL
REGISTERS
AVDD
AGND
DVDD
DGND
BIT_CLK
SYNC
SDATA_IN
SDATA_OUT
RESET
CLK_OUT
XTALO
XTALI
DAC
FILTER
Σ-Δ MODULATOR
DAC FILTER
+ GAIN
/ATTEN
ADC
FILTER
PWM BLOCK
G[4]/MOUT
VREF
G[1]/MIC
Rx
FILT
Tx
AD1803
VOLTAGE
REFERENCE
+20dB
MUX
G[0]
G[2]
G[3]/WAKE
G[5]
G[6]
G[7]
Σ-Δ ADC
Figure 1.
GENERAL DESCRIPTION
The AD1803 is a low power, 16-bit codec for modem,
voice/handset, and telephony applications. It can also
be used as a cellular telephone interface.
The AD1803 is an Intel AC '97 Rev 2.1-compliant modem
codec (refer to documentation about the Intel AC '97) with
selectable AC '97 or a DSP-style serial interface.
The AD1803 codec uses high performance Σ-Δ ADCs and
DACs with programmable gain/attenuation. It has a digital
Σ-Δ monitor output with selectable mix from ADC and DAC
channels for call progress monitoring.
The AD1803 supports advanced power management with
several power saving modes. The codec supports seven general-
purpose input/output (GPIO) pins and a wake interrupt signaling
mechanism on GPIO events.
The AD1803JRUZ is a lead-free environmentally friendly
product. It is manufactured using the most up-to-date mate
rials and processes. The coating on the leads of each device is
100% pure tin electroplate. The device is suitable for lead-free
applications and can withstand surface-mount soldering at up to
255°C (±5°C). In addition, it is backward compatible with
conventional tin-lead soldering processes. This means that the
electroplated tin coating can be soldered with tin-lead solder
pastes at reflow temperatures of 220°C to 235°C.


Similar Part No. - AD1803

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1803 AD-AD1803 Datasheet
39Kb / 2P
U.S./International Modem DAA Line Codec Chipset
AD1803JRU AD-AD1803JRU Datasheet
39Kb / 2P
U.S./International Modem DAA Line Codec Chipset
More results

Similar Description - AD1803

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Wolfson Microelectronic...
WM9704M WOLFSON-WM9704M Datasheet
270Kb / 37P
AMC97 Audio and Modem Codec
WM8753 WOLFSON-WM8753 Datasheet
1Mb / 87P
HI FI AND TELEPHONY DUAL CODEC
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Wolfson Microelectronic...
WM8753 WOLFSON-WM8753_05 Datasheet
1Mb / 92P
Hi-Fi and Telephony Dual CODEC
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
VOICE/MODEM CODEC
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com