Electronic Components Datasheet Search
  English  ▼

X  

AD1803 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1803
Description  Modem/Telephony Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1803 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1803 Datasheet HTML 7Page - Analog Devices AD1803 Datasheet HTML 8Page - Analog Devices AD1803 Datasheet HTML 9Page - Analog Devices AD1803 Datasheet HTML 10Page - Analog Devices AD1803 Datasheet HTML 11Page - Analog Devices AD1803 Datasheet HTML 12Page - Analog Devices AD1803 Datasheet HTML 13Page - Analog Devices AD1803 Datasheet HTML 14Page - Analog Devices AD1803 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD1803
THEORY OF OPERATION
SERIAL INTERFACE MODE SELECTION
By default the AD1803 uses Slot 5 to send and receive sample
When power is first applied to the AD1803, RESET must be
data, but this can be changed to Slot 10 or Slot 11. See the
asserted (RESET pin driven low), and kept asserted until the
SPCHN bit, SPGBP bit, SPDSS bit, SPISO bit, SPDL1 bit, and
SPDL0 bit in Register 0x5E for additional AC '97 mode con-
power has stabilized. While RESET is asserted, the AD1803’s
figuration enhancements.
serial interface mode is chosen by the state of Pin 12
(G[3]/WAKE) and Pin 13 (G[2]).
AC '97 INTERFACE MODES
Table 7.
Primary Mode
Pin 12
Pin 13
Mode Chosen
High
High
Low
Low
High
Low
High
Low
AC '97 Mode—Primary Device (ID: 00)
AC '97 Mode—Secondary Device (ID: 01)
AC '97 Mode—Secondary Device (ID: 10)
DSP Mode
Entered if G[3] pin and G[2] pin are high when the RESET pin
is deasserted for the first time:
•
AD1803 is the timing master: drives BIT_CLK at
12.288 MHz.
Note that Pin 12 and Pin 13 have weak pull-up devices internal
•
AD1803 accepts the 48 kHz SYNC timing signal.
to the AD1803 that are enabled by default. Therefore, if these
pins are floated, AC '97 primary mode is chosen. When RESET
•
AD1803 requires a crystal or clock on XTALI (see the
is deasserted (RESET pin driven high) for the first time after
XTAL1 bit and XTAL0 bit in Register 0x5C for frequency).
power is applied, the states of Pin 12 and Pin 13 are latched,
Secondary Mode
locking in serial interface mode. Subsequent changes of the
logic level presented on Pin 12 and Pin 13 have no effect on
Entered if the G[3] pin is high and G[2] pin is low when the
serial port mode until power is removed from the AD1803.
RESET pin is deasserted for the first time or if the G[3] pin is
After this first deassertion of RESET, Pin 12 and Pin 13 take
low and the G[2] pin is high when the RESET pin is deasserted
on new roles and serve as general-purpose I/O control pins.
for the first time:
The AD1803 does not need an active clock source for proper
•
AD1803 is the timing slave: accepts BIT_CLK at
operation during this mode selection.
12.288 MHz.
SERIAL INTERFACE BEHAVIOR AND PROTOCOL
WHEN IN AC '97 MODE
•
AD1803 accepts the 48 kHz SYNC timing signal.
The AD1803 serial interface is compatible with the AC '97
•
AD1803 does not require a crystal or clock on XTALI
Rev 2.1 specification as either a primary or a secondary
(see the XTAL1 bit and XTAL0 bit in Register 0x5C for
modem/handset codec device. Consult this specification
frequency), unless wake from an event during RESET is
for complete behavioral details.
desired. XTALI okay here?
SLOT #
0
1
2
3
4
5
6
7
8
9
10
11
12
SYNC
CMD
ADDR
CMD
DATA
TAG
PCM
L
PCM
R
LINE1
DAC
PCM
CENTER
PCM
L SURR
PCM
R SURR
PCM
LFE
LINE2
DAC
HSET
DAC
I/O
CTRL
SDATA_OUT
(OUTPUT FROM CONTROLLER/DSP – INPUT TO AD1803)
(INPUT TO CONTROLLER/DSP – OUTPUT FROM AD1803)
Figure 10. AC '97 Interface Timing
STATUS
ADDR
STATUS
DATA
TAG
MIC
ADC
LINE2
ADC
RSRVD
RSRVD RSRVD
HSET
AD
I/O
STATUS
PCM
L
PCM
R
LINE1
ADC
SDATA_IN
Rev. A | Page 11 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com